Electronic Components Datasheet Search
  English  ▼

X  

CY7C1069BV33 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1069BV33
Description  16-Mbit (2M x 8) Static RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069BV33 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1069BV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1069BV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1069BV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1069BV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1069BV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1069BV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1069BV33 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY7C1069BV33
Document #: 38-05694 Rev. *B
Page 2 of 7
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage on VCC to Relative GND
[3] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State[3] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[3] ................................ –0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Selection Guide
–10
–12
Unit
Maximum Access Time
10
12
ns
Maximum Operating Current
Commercial
275
260
mA
Industrial
275
260
Maximum CMOS Standby Current
Commercial/Industrial
50
50
mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 0.3V
Industrial
–40°C to +85°C
DC Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
–10
–12
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL
Input LOW Voltage[3]
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage Current GND < VOUT < VCC, Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
f = fMAX = 1/tRC
Comm’l
275
260
mA
Ind’l
275
260
mA
ISB1
Automatic CE
Power-down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
70
70
mA
ISB2
Automatic CE
Power-down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
Comm’l/
Ind’l
50
50
mA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
6
pF
COUT
I/O Capacitance
8
pF
Thermal Resistance[4]
Parameter
Description
Test Conditions
TSOP-II
Unit
Θ
JA
Thermal Resistance (Junction to Ambient) Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA/JESD51.
49.95
°C/W
Θ
JC
Thermal Resistance (Junction to Case)
3.34
°C/W
Notes:
3. VIL (min.) = –2.0V and VIH(max) = VCC + 0.5V for pulse durations of less than 20 ns.
4. Tested initially and after any design or process changes that may affect these parameters.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com