Electronic Components Datasheet Search
  English  ▼

X  

AP2953 Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # AP2953
Description  3A, 23V Synchronous Rectifier Step-Down Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP2953 Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  AP2953 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AP2953
Chipown
3A, 23V 同步整流降压稳压器
概述
AP2953是一款单片同步整流降压稳压器,它集成了导通阻
抗
100mΩ 的 MOSFET ,可 以很宽的 输入电压 范围
(
4.75V-23V)内提供3A的负载能力。电流模式控制使其
具有很好的瞬态响应和单周期内的限流功能。
可调的软启动时间能避免开启瞬间的冲击电流,在待机模
式下,输入电流小于
1uA.
AP2953封装为SOP-8, 同时提供了紧凑的系统方案,可以
最大限度的减少外围元件。
应用领域
分立式电源系统
网络系统
FPGA, DSP, ASIC 电源
绿色电子产品
笔记本电脑
主要特性
3A输出电流
输入电压范围
4.75到23V
内部集成
100mΩ的功率MOSFET
输出可调范围为
0.925V到20V
效率可达
95%
可调软启动时间
外围使用低
ESR瓷片电容可保证其稳定工作
固定的
450kHz工作频率
每个周期内都有限流功能
具有欠压保护功能
散热能力较强的
SOP-8封装
封装
SOP-8
典型应用电路图
典型效率曲线
η vs Io(Vo=5.0V)
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
3000
3500
Io(mA)
VIN=6V
VIN=12V
VIN=23V
中国·无锡新区长江路 21—1 号
创源大厦 8 楼
电话:+86(510)85217718
网址:http://www.chipown.com.cn


Similar Part No. - AP2953

ManufacturerPart #DatasheetDescription
logo
Wuxi Chipown Micro-elec...
AP2953A CHIPOWN-AP2953A Datasheet
311Kb / 9P
3A, 18V Synchronous Rectified Step-Down Converter
V2.0
AP2953AS8PR CHIPOWN-AP2953AS8PR Datasheet
311Kb / 9P
3A, 18V Synchronous Rectified Step-Down Converter
V2.0
AP2953AS8PT CHIPOWN-AP2953AS8PT Datasheet
311Kb / 9P
3A, 18V Synchronous Rectified Step-Down Converter
V2.0
More results

Similar Description - AP2953

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com