Electronic Components Datasheet Search
  English  ▼

X  

DB3S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DB3S
Description  TRIGGER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB3S Datasheet(HTML) 1 Page - Rectron Semiconductor

  DB3S Datasheet HTML 1Page - Rectron Semiconductor DB3S Datasheet HTML 2Page - Rectron Semiconductor DB3S Datasheet HTML 3Page - Rectron Semiconductor DB3S Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TRIGGER DIODES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DB3S
Dimensions in inches and (millimeters)
LL-34
2007-1
FEATURES
* VBO: 32V/34V/40V VERSIONS
* Low Breakover Current
DESCRIPTION
High reliability glass passivation insuring parameter stability
and protection against junction contamination
.059 (1.50)
.055 (1.40)
.138 (3.51)
.120 (3.30)
.020 (0.50)
.014 (0.35)
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
(At TA = 25oC unless otherwise noted)
(At TA = 25oC unless otherwise noted)
RATING
Power Dissipation (@ TA=50oC)
SYMBOL
P
UNITS
mW
A
mW/oC
RATING
Maximum Breakover Voltage Symmetry delta VBO= +VBO - -VBO C=22nF
Minimum Dynamic Breakover Voltage delta I=IBO to IF=10mA (see Fig3)
SYMBOL
UNITS
Breakover Voltage(Forward and Reverse)
Volts
VALUE
Repetitive Peak On-State Current tp=20uA,F=100Hz
ITRM
2
150
4.0
Derate Above +50oC
Storage Temperature Range
TSTG
-40 to + 125
o C
Junction Temperature
125
TJ
o C
VALUE
Min
Min
Max
Max
30
34
28
36
at IBO,C=22nF**
VBO
delta VBO
Volts
5
Volts
5
Minimum Output Voltage* (see Fig 2)
+/-2
Peak Breakover Current at Breakorver Voltage* C=22nF**
Rise Time* (see Fig3)
Leakage Current* VB=0.5VBO max (see Fig1)
25
100
1.5
10
delta V+/-
VO
IBO
tr
IB
uA
uS
uA
Volts
NOTES: 1. *Electrical characteristic applicable in both forward and reverse derections.
2.**Connected in parallel with the devices.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
DB3S-1
DB3S-2


Similar Part No. - DB3S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DB3S308F PANASONIC-DB3S308F Datasheet
562Kb / 4P
Silicon epitaxial planar type
April 2013
DB3S308F0L PANASONIC-DB3S308F0L Datasheet
562Kb / 4P
Silicon epitaxial planar type
April 2013
logo
Rectron Semiconductor
DB3SEL RECTRON-DB3SEL Datasheet
453Kb / 5P
TRIGGER DIODES
More results

Similar Description - DB3S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
GOOD-ARK Electronics
LLDB-3 GOOD-ARK-LLDB-3 Datasheet
68Kb / 1P
Trigger Diodes
logo
Rectron Semiconductor
DB3 RECTRON-DB3 Datasheet
488Kb / 4P
TRIGGER DIODES
DB3W RECTRON-DB3W Datasheet
199Kb / 5P
TRIGGER DIODES
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
DB3SEL RECTRON-DB3SEL Datasheet
453Kb / 5P
TRIGGER DIODES
logo
GOOD-ARK Electronics
DB3 GOOD-ARK-DB3 Datasheet
185Kb / 3P
Trigger Diodes
DB3 GOOD-ARK-DB3_15 Datasheet
185Kb / 3P
Trigger Diodes
logo
Diotec Semiconductor
DB3 DIOTEC-DB3_17 Datasheet
132Kb / 2P
Trigger-Diodes
logo
First Silicon Co., Ltd
DB3 FS-DB3 Datasheet
244Kb / 3P
Trigger Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com