Electronic Components Datasheet Search
  English  ▼

X  

568010 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 568010
Description  Plastic tubing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

568010 Datasheet(HTML) 1 Page - Festo Corporation.

  568010 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plastic tubing
PUN-H-1/4-SI-500-HA
Part number: 568010
General operating condition
Data sheet
Feature
Value
External-Ø inches
1/4
Bending radius relevant for flow rate
25.908 mm
Min. bending radius
9.754 mm
Application note
TPE-U Ether based
Tubing characteristics
Suitable for energy chains
Temperature-dependent operating pressure
-0.993 bar ... 9.997 bar
Information on operating pressure
Water: temperature-dependent operating pressure, see diagram, max.
0.3 MPa at 0 - 60 °C
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Water (liquid, ice-free)
Material fire test
UL94 HB
LABS (PWIS) conformity
VDMA24364-B2-L
Suitability for the production of Li-ion batteries
Suitable for battery production with reduced Cu/Zn/Ni values (F1a)
Cleanroom suitability, measured according to ISO 14644-14
Statically installed element, no meaningful evaluation possible
according to ISO 14644-1
For use in the food industry
See supplementary material information
Ambient temperature
-35 °C ... 63 °C
Product weight by length
0.23 kg/m
Pneumatic connection
For plug connection outside diameter 1/4"
Color
Silver
Shore hardness
D 52 +/-3
Note on materials
RoHS-compliant
Material of pneumatic tubing
TPE-U(PU)
2/23/26 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 568010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
56801 ETC2-56801 Datasheet
198Kb / 1P
Electronic Diagonal Cutters
logo
Festo Corporation.
568011 FESTO-568011 Datasheet
75Kb / 1P
Plastic tubing
568014 FESTO-568014 Datasheet
89Kb / 1P
Plastic tubing
568016 FESTO-568016 Datasheet
90Kb / 1P
Plastic tubing
568017 FESTO-568017 Datasheet
90Kb / 1P
Plastic tubing
More results

Similar Description - 568010

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
Helical Convoluted Tubing
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
Annular Convoluted Tubing
logo
Tyco Electronics
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
RAYCHEM Tubing Products
logo
List of Unclassifed Man...
701800-Color-2 ETC2-701800-Color-2 Datasheet
344Kb / 2P
Neon-inspired tubing
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
Tubing
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
Tubing
logo
Analog Technologies, In...
ATTB30B ANALOGTECHNOLOGIES-ATTB30B Datasheet
144Kb / 2P
Ultra Small High Temperature Plastic Tubing
6/11/2015
ATTB32B ANALOGTECHNOLOGIES-ATTB32B Datasheet
143Kb / 2P
Ultra Small High Temperature Plastic Tubing
6/11/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com