Electronic Components Datasheet Search
  English  ▼

X  

PDB2213S Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDB2213S
Description  20V Dual P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDB2213S Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDB2213S Datasheet HTML 1Page - Potens Semiconductor Corp. PDB2213S Datasheet HTML 2Page - Potens Semiconductor Corp. PDB2213S Datasheet HTML 3Page - Potens Semiconductor Corp. PDB2213S Datasheet HTML 4Page - Potens Semiconductor Corp. PDB2213S Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
2
PDB2213S
20V Dual P-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=
-250µA
-20
---
---
V
IDSS
Drain-Source Leakage Current
VDS=
-20V , VGS=0V , TJ=25℃
---
---
-1
µA
VDS=
-16V , VGS=0V , TJ=125℃
---
---
-10
µA
IGSS
Gate-Source Leakage Current
VGS=±10V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=
-4.5V , ID=-1.5A
---
41
49
m
VGS=
-2.5V , ID=-1A
---
55
72
m
VGS=
-1.8V , ID=-1A
---
75
100
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =
-250µA
-0.4
-0.6
-1.0
V
gfs
Forward Transconductance
VDS=
-10V , ID=-1A
---
4
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge2 , 3
VDS=
-10V , VGS=-4.5V , ID=-2A
---
6.4
10
nC
Qgs
Gate-Source Charge2 , 3
---
0.9
3
Qgd
Gate-Drain Charge2 , 3
---
1.6
5
Td(on)
Turn-On Delay Time2 , 3
VDD=
-10V , VGS=-4.5V , RG=6
ID=
-2A
---
5
10
ns
Tr
Rise Time2 , 3
---
17
25
Td(off)
Turn-Off Delay Time2 , 3
---
40
60
Tf
Fall Time2 , 3
---
11
20
Ciss
Input Capacitance
VDS=
-10V , VGS=0V , F=1MHz
---
540
810
pF
Coss
Output Capacitance
---
80
120
Crss
Reverse Transfer Capacitance
---
75
115
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-4
A
ISM
Pulsed Source Current
---
---
-8
A
VSD
Diode Forward Voltage
VGS=0V , IS=
-1A , TJ=25℃
---
---
-1
V
Electrical Characteristics (T
J=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300µs , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com