Electronic Components Datasheet Search
  English  ▼

X  

MSS1807 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # MSS1807
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS1807 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button MSS1807 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS1807 Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8/39
The lower key priority means the trigger with lower
index has the priority to be acknowledged and
responsed when there are several triggers activated
simultaneously.
For
example:
Three
triggers
are
activated
simultaneously, RW3K1, RW2K3, RW4K2. The RW3K1
has the priority, sentence 3 will be responsed.
For another example: Five triggers are activated
simultan eously, RW1K2, RW2K3, TGA/OKY, TGB,
TGC. The RW1K2 has the priority, sentence 5 will be
responsed.
There is a priority reference on page 9/39 and a timing
diagram III to illustrate it.
First Key Priority
First key priority is available among 16 mafrix triggers.
This defines the relationship on time line for two or
more triggers overlap.
While user activating a trigger,
for example RW2K2, and its sound plays, user is
unable to activate the other trigger once RW2K2 is kept
activated regardless sentence 6 is finished or not.
It means first trigger prohibits the acknowledge of later
triggers when trigger is kept true.
Last Key Priority
Last key priority is available among three straight keys -
TGA, TGB, TGC.
This defines the relationship on time line for two or
more triggers overlap.
What will it result when a
trigger is activated while a trigger is true ahead and
kept true ?
While user already activates a trigger, for example
TGC, and keeps this TGC true, the later trigger is still
able to come in and acknowledged by chip.
It means
the late trigger is not prohibited by priorer.
See timing diagrams III.4,5,6 for reference.
User may be confused it with "retrigger".
They are
different.
Conditions
Between
Straight
Triggers
Between
Straight trigger
And Matrix trigger
Between Matrix triggers
TGm
KiRWj
Not Guaranteed
KiRWj
TGm
Not Guanranteed
Priorer
Later
Priority Result
TGm
TGn
Last key
KhRWi
KhRWj
First key
KiRWh
KjRWh
First key
KiRWm
KjRWn
First key
Key Priority Reference
Legend :
Priorer
Later
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)
Application Notes
R1
Oscillation Resistor at pin Rosc, see chapter Signals
paragraph Rosc as well as DC Characteristics for
detail.
R2
Bypss Resistor at pin Cout, see chapter Signals
paragrahp Cout for detail.
R cds
Maximal contact resistance. Whenever try to activate
the input signal pin at matrix triggers, to have the cross
point contacted will activate it. However, there may be
resistance on the cross point A resistance higher than
this R cds will be unable to activate the trigger.
To apply Vdd (or Vss, depends on mask option
specified) directly to stand-alone trigger will activate the
trigger.
However, there may be resistance on the
contact point. A resistance higher than R cds will be
unable to activate the trigger, either.
To limit current runs through LED lamp
S1207 output pin provides huge drive (or sink) current
capability. But the LED lamp may not need so huge
current to have a best performance. To serial a resistor
along with LED lamp is recommended.
Don't flash LED at Cout Silence
The LED lamp flashes well in whatever options user
specified when the sound is playing. Don't flash LED
lamp
when
Cout
stays
at
mute
is
strongly
recommended.
If user insists, please be noted that there is a slight
drum stream comes out at speaker. Its frequency is
double the frequency of LED flash.
Its loudness
depends on the Vdd bias, transistor amplification and
count of LED lamp flashes. It could be -35 dB (or even
lower as -50 dB) lower than the meaningful sound
played at the office operation environment and
hand-touchable distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com