Electronic Components Datasheet Search
  English  ▼

X  

BAP20M000000BLE18A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BAP20M000000BLE18A
Description  MICROPROCESSOR CRYSTALS / RESISTANCE WELD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BAP20M000000BLE18A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BAP20M000000BLE18A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HC49UP Low Profile Surface Mount
MICROPROCESSOR CRYSTALS / RESISTANCE WELD
SPECIFICATION
Frequency Range
3.579545 to 60.000 MHz
Frequency Tolerance
± 50 PPM ( Standard )
Frequency Stability @ 25
EC
± 50 PPM ( Standard )
Operating Temperature Range
0
EC to 70EC ( Standard )
Load Capacitance ( CL )
12pF to 50pF or Series
Shunt Capacitance
7pF Maximum
Drive Lavel
1mWatt Maximum
Aging
±5 PPM per year Maximum
Dimensions in mm
Recommended Pad Layout
HC49UP Part Number Break Down
AA P 20M000000 F L E 18 H
(Frequency)
CL
MODE
HOLDER
TOLERANCE STABILITY
TEMP. RANGE OPTIONS
AA= Fundamental
I = 3.5 H
B= ±10 PPM
H= ±20 PPM
E= 0 to 70
EC
A= Standard
BA= 3 Overtone
P = 5.0 H
D= ±20 PPM
J = ±30 PPM
H= -20 to 70
EC
H= Tape & Reel
rd
F= ±30 PPM
L= ±50 PPM
J= -40 to 85
EC
G= ±50 PPM
N= ±100 PPM
H= ±100 PPM
Standard Crystal Corporation 9940 E. Baldwin Place, El Monte, Ca., 91731
Phone: (800) 423-4578, Fax: (626) 443-9049
www.standardcrystalcorp.com, E-Mail: stdxtl@pacbell.net
C-3


Similar Part No. - BAP20M000000BLE18A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
More results

Similar Description - BAP20M000000BLE18A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXA4 VECTRON-VXA4 Datasheet
44Kb / 2P
Microprocessor Crystals
VXA7 VECTRON-VXA7 Datasheet
42Kb / 2P
VXA7 Microprocessor Crystals
VXB1 VECTRON-VXB1 Datasheet
130Kb / 2P
Microprocessor Crystals
VXB2 VECTRON-VXB2 Datasheet
68Kb / 2P
VXB2 Microprocessor Crystals
logo
List of Unclassifed Man...
HHS2700F-20-SM ETC2-HHS2700F-20-SM Datasheet
47Kb / 1P
RESISTANCE WELD CRYSTAL
logo
Fox Electronics
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
Resistance Weld SMD Crystal
logo
Vanlong Technology Co.,...
HC49U VANLONG-HC49U Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
UM1J VANLONG-UM1J Datasheet
36Kb / 1P
Miniature Resistance Weld Crystal
logo
Vectron International, ...
VXB1 VECTRON-VXB1_08 Datasheet
113Kb / 4P
Microprocessor Crystals
VXM7 VECTRON-VXM7 Datasheet
91Kb / 4P
Microprocessor Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com