Electronic Components Datasheet Search
  English  ▼

X  

CY7C1326F Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C1326F
Description  2-Mb (128K x 18) Pipelined Sync SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1326F Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C1326F Datasheet HTML 7Page - Cypress Semiconductor CY7C1326F Datasheet HTML 8Page - Cypress Semiconductor CY7C1326F Datasheet HTML 9Page - Cypress Semiconductor CY7C1326F Datasheet HTML 10Page - Cypress Semiconductor CY7C1326F Datasheet HTML 11Page - Cypress Semiconductor CY7C1326F Datasheet HTML 12Page - Cypress Semiconductor CY7C1326F Datasheet HTML 13Page - Cypress Semiconductor CY7C1326F Datasheet HTML 14Page - Cypress Semiconductor CY7C1326F Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY7C1326F
Document #: 38-05424 Rev. **
Page 13 of 15
ZZ Mode Timing[21, 22]
Notes:
21. Device must be deselected when entering ZZ mode. See Cycle Descriptions table for all possible signal conditions to deselect the device.
22. I/Os are in High-Z when exiting ZZ sleep mode.
Switching Waveforms (continued)
t
ZZ
I
SUPPLY
CLK
ZZ
t
ZZREC
ALL INPUTS
(except ZZ)
DON’T CARE
I
DDZZ
t
ZZI
t
RZZI
Outputs (Q)
High-Z
DESELECT or READ Only
Ordering Information
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range
100
CY7C1326F-100AC
A101
100-Lead Thin Quad Flat Pack
Commercial
Please contact your local Cypress sales representative for availability of the 133-MHz speed grade option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com