Electronic Components Datasheet Search
  English  ▼

X  

658 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 658
Description  658 Bi- and Tri-Color Series Watertight Series Panel Mount Indicators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

658 Datasheet(HTML) 1 Page - Dialight Corporation

  658 Datasheet HTML 1Page - Dialight Corporation 658 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.dialightsignalsandcomponents.com
Ordering Information >
658 Bi- and Tri-Color Series
Watertight Series Panel Mount Indicators
Certifications & Ratings
• RoHS compliant
• NEMA 4X
• IP67
Application
The 658 Series LED Panel Mount Indicators are designed
with a highly durable watertight housing. These indicators
are designed for a variety of applications such as:
• Electrical control panels
• Wastewater treatment controls
• Buses and transit vehicles dashboards
• Agricultural and construction equipment dashboards
• Aircraft and military vehicles dashboards
• Status Indication on industrial equipment
. . . and many more!
Ø 1.26
[32]
•BiColor has 3 lead wires
•TriColor has 4 lead wires
Domed Lens
Neoprene
Gasket
M25 X 1.5
Thread
Ø 0.98
[24.9]
6.0
[152]
0.5
[131]
0.79
[20.1]
0.51
[12.9]
Ø 1.000
[25.4]
Recommended Mounting Hole
Mechanical Information
Mounting Hole Size: 1.000" (25.40 mm)
Max Panel Thickness: 0.350" (8.89 mm)
Mounting Torque:
15 in-lbs
Specifications
Voltage Options:
12-30 VDC (no resistor required)
Operating Temp:
-40 °C to +85 °C
(-40 °F to +185°F)
Storage Temp:
-40 °C to +100 °C
(-40 °F to +212 °F)
Electrical
Connection:
18 AWG anti-capillary wire
Housing:
Polycarbonate (UL 94V-0)
Lens Material:
Polycarbonate (UL 94V-0)
Wire Leads:
6" — Wire color is the same color
as LED color; Black wire is
common ground
Lock Washer:
White Nickel Plated Bronze
Nut:
White Nickel Plated Brass
Dimensions
inches [mm]


Similar Part No. - 658

ManufacturerPart #DatasheetDescription
logo
Littelfuse
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
CTS Corporation
658 CTS-658 Datasheet
148Kb / 5P
CLOCK, HIGH FREQUENCY MULTIPLIER
logo
Littelfuse
658 LITTELFUSE-658 Datasheet
837Kb / 1P
658 Series Molded Base Surface Mount Fuse Block For 5횞20mm Fuses
Revised: 07/08/21
logo
Abbatron All Rights Res...
658 ABBATRON-658 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Littelfuse
658 LITTELFUSE-658 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 658

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
607-1112-110F DIALIGHT-607-1112-110F Datasheet
117Kb / 2P
LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
Watertight - 11/16' Mounting Hole Panel Mount Indicators
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
PANEL MOUNT INDICATORS
logo
Micropac Industries
62072 MICROPAC-62072 Datasheet
160Kb / 3P
BI-COLOR HERMETIC LED INDICATORS
62098 MICROPAC-62098 Datasheet
170Kb / 3P
TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
TRI-COLOR HERMETIC LED INDICATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com