Electronic Components Datasheet Search
  English  ▼

X  

MAX9934FART+T Datasheet(PDF) 6 Page - Analog Devices

Part # MAX9934FART+T
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934FART+T Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX9934FART+T Datasheet HTML 2Page - Analog Devices MAX9934FART+T Datasheet HTML 3Page - Analog Devices MAX9934FART+T Datasheet HTML 4Page - Analog Devices MAX9934FART+T Datasheet HTML 5Page - Analog Devices MAX9934FART+T Datasheet HTML 6Page - Analog Devices MAX9934FART+T Datasheet HTML 7Page - Analog Devices MAX9934FART+T Datasheet HTML 8Page - Analog Devices MAX9934FART+T Datasheet HTML 9Page - Analog Devices MAX9934FART+T Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
6
Maxim Integrated
Typical Operating Characteristics (continued)
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0V, CL = 1000pF, ROUT = 10kΩ to GND for unidirectional operation, ROUT = 10kΩ to
VCC/2 for bidirectional operation. TA = +25°C, unless otherwise noted.)
-2.0
-0.5
-1.0
-1.5
0.5
0
1.5
1.0
2.0
VOUT vs. VSENSE
VREF = 1.65V
VSENSE (mV)
-40
-20
0
20
40
GAIN = 25
µA/mV
GAIN = 5
µA/mV
BIDIRECTIONAL
VOUT vs. VSENSE (VOUT < 5mV)
VSENSE + VOS (FV)
80
60
40
20
1
2
3
4
5
0
0100
G = 25FA/mV
G = 5FA/mV
0
100
50
200
150
250
300
0
200
300
100
400
500
600
VOH vs. IOH
IOH (
µA)
MAX9934F
MAX9934T
40
80
60
120
100
140
160
-40
-10 5
20
-25
35 50 65 80 95 110 125
SUPPLY CURRENT
vs. TEMPERATURE (VCS = 0)
TEMPERATURE (
°C)
VCM = 0V
VCM = 5.5V
40
80
60
120
100
140
160
-40
-10 5
20
-25
3550658095 110 125
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCM = 0V
VCM = 5.5V
1pA
10pA
100pA
1nA
10nA
-0.1
1.3
2.7
4.1
0.6
2.0
3.4
4.8
5.5
RS+ BIAS CURRENT
vs. VRS+
VRS+ (V)
TA = +125
°C
TA = +25
°C AND -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com