Electronic Components Datasheet Search
  English  ▼

X  

MAX9937 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9937
Description  Current-Sense Amplifier with Reverse-Battery Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9937 Datasheet(HTML) 2 Page - Analog Devices

  MAX9937 Datasheet HTML 1Page - Analog Devices MAX9937 Datasheet HTML 2Page - Analog Devices MAX9937 Datasheet HTML 3Page - Analog Devices MAX9937 Datasheet HTML 4Page - Analog Devices MAX9937 Datasheet HTML 5Page - Analog Devices MAX9937 Datasheet HTML 6Page - Analog Devices MAX9937 Datasheet HTML 7Page - Analog Devices MAX9937 Datasheet HTML 8Page - Analog Devices MAX9937 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RSP, RSN to GND Voltage Continuous ................-0.3V to +30V
RSP, RSN to GND Load-Dump Voltage Duration
(VBAT = 40V) with Typical Application Circuit...................... 1s
RSP, RSN to GND Reverse-Battery Voltage Duration
(VBAT = -20V) with Typical Application Circuit ......Continuous
Differential Input Voltage (RSP - RSN) ..............................±0.3V
VCC to GND .........................................................-0.3V to +6.0V
OUT to GND............................................. -0.3V to (VCC + 0.3V)
Output Short Circuit to Ground..................................Continuous
Continuous Input Current into RSN, RSP*.......................±50mA
Continuous Input Current into OUT* ................................±25mA
Thermal Limits (Note 1)
Continuous Power Dissipation (TA = +70°C) Multiple-Layer PCB
5 SC70 (derate 3.1mW/°C above +70°C) ................246.9mW
θJA .............................................................................324°C/W
θJC.............................................................................115°C/W
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
(VCC = 5V, VBAT = VRS+ = 12V, VSENSE = (VRS+ - VRS-) = 0V, RRSP = RRSN = 500Ω, ROUT = 10kΩ, TA = -40°C to +125°C. Typical
values are at TA = +25°C, unless otherwise noted. See the Typical Application Circuit.) (Note 2)
*Junction temperature rating due to power dissipation must also be observed.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a 4-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Common-Mode Voltage
Range
VRSP,
VRSN
Inferred from CMRR test
4
28
V
Supply Voltage Range
VCC
Inferred from PSRR test
2.7
5.5
V
Input Offset Voltage (Note 3)
VOS
TA = +25°C
±0.3
±1.2
mV
TA = -40°C to +125°C
±1.6
Common-Mode Rejection
Ratio
CMRR
VBAT = +4V to +28V
TA = +25°C
100
120
dB
TA = +125°C
90
Power-Supply Rejection Ratio
PSRR
VCC = +2.7V to +5.5V
90
120
dB
Quiescent Supply Current
ICC
VCC = 5V
20
55
µA
Input Bias Current (Note 4)
IB+, IB-
TA = +25°C
0.8
2
5.6
µA
TA = -40°C to +125°C
0.65
6.5
Input Bias Current
Mismatch
∆IB/IB
2 x (IB+ - IB-)/(IB+ + IB-)
TA = +25°C
±1
±12
%
TA = -40°C to
+125°C
±15
%
Input Current in Shutdown
IRSP +
IRSN
TA = +25°C, VCC = 0V
0.01
1
µA
TA = -40°C to +125°C, VCC = 0V
10
Voltage Gain
Gain = ROUT/RRSP
20
V/V
Voltage Gain Error (Notes 3, 5)
TA = +25°C
±0.2
±1.5
%
TA = -40°C to +125°C
±2.0
www.maximintegrated.com
Maxim Integrated │ 2
MAX9937
Current-Sense Amplifier with
Reverse-Battery Protection
Electrical Characteristics
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com