Electronic Components Datasheet Search
  English  ▼

X  

MAX9934TART+T Datasheet(PDF) 3 Page - Analog Devices

Part # MAX9934TART+T
Description  High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9934TART+T Datasheet(HTML) 3 Page - Analog Devices

  MAX9934TART+T Datasheet HTML 1Page - Analog Devices MAX9934TART+T Datasheet HTML 2Page - Analog Devices MAX9934TART+T Datasheet HTML 3Page - Analog Devices MAX9934TART+T Datasheet HTML 4Page - Analog Devices MAX9934TART+T Datasheet HTML 5Page - Analog Devices MAX9934TART+T Datasheet HTML 6Page - Analog Devices MAX9934TART+T Datasheet HTML 7Page - Analog Devices MAX9934TART+T Datasheet HTML 8Page - Analog Devices MAX9934TART+T Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MAX9934
High-Precision, Low-Voltage, Current-Sense Amplifier
with Current Output and Chip Select for Multiplexing
3
Maxim Integrated
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9934T
25
Current Gain (Transconductance)
GM
MAX9934F
5
µA/mV
TA = +25°C
±0.25
MAX9934T
-40°C
≤ TA ≤ +125°C
±2.0
TA = +25°C
±0.25
Current Gain Error
(Note 4)
GME
MAX9934F
-40°C
≤ TA ≤ +125°C
±2.4
%
MAX9934T
±200
Gain Error Drift
GME/dT
MAX9934F
±240
ppm/°C
Input-Bias Current for RS+
IBRS+
VRS+ = VRS- = 5.5V
0.1
100
nA
VRS+ = VRS-
≤ VCC - 0.2V
0.1
100
nA
Input-Bias Current for RS-
IBRS-
VRS+ = VRS- = 5.5V
35
60
µA
Input Leakage Current
ILEK
VCC = 0V, VRS+ = VRS- = 5.5V
0.1
100
nA
DC CHARACTERISTICS
Minimum Current for Output Low
IOL
Unidirectional, VOL = IOL x ROUT
1
100
nA
VOH
IOUT = +600µA, VOH = VCC - VOUT
0.1
0.25
Output-Voltage Range
(MAX9934T)
VOL
IOUT = -600µA, bidirectional
0.15
0.25
V
VOH
IOUT = +375µA, VOH = VCC - VOUT
0.18
0.30
Output-Voltage Range
(MAX9934F)
VOL
IOUT = -375µA, bidirectional
0.18
0.26
V
Deselected Amplifier Output
Leakage
IOLK
VCS = 0V, VOUT = 3.6V,
and 0
≤ VCC ≤ 3.6V
0.1
100
nA
LOGIC I/O (CS)
Input Voltage Low CS
VIL
0.54
V
Input Voltage High CS
VIH
1.26
V
Input Current CS
IIL,IIH
0
≤ VCS ≤ VCC
0.1
100
nA
POWER SUPPLY
Supply-Voltage Range
VCC
Guaranteed by PSRR
2.5
3.6
V
Power-Supply Rejection Ratio
PSRR
2.5V
≤ VCC ≤ 3.6V,
VRS+ = VRS- = 2V (Note 3)
110
120
dB
Supply Current
ICC
VCC = 3.3V, ROUT = 10k
Ω to 3.3V,
VRS+ = VRS- = 3.1V
120
230
µA
Supply Current, Output
Deselected
ICC,DES
VCS = 0V, ROUT = 10k
Ω to 3.3V,
VRS+ = VRS- = 3.1V
120
210
µA
AC CHARACTERISTICS (CL = 1000pF)
MAX9934T
GM = 25µA/mV, VSENSE = 5mV
1.5
Amplifier Bandwidth
BW
MAX9934F
GM = 5µA/mV, VSENSE = 25mV
5
kHz
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.3V, VRS+ = VRS- = 3.0V, VSENSE = 0V, VCM = (VRS+ + VRS-)/2, VCS = 3.3V, ROUT = 10kΩ to GND for unidirectional opera-
tion, ROUT = 10kΩ to VCC/2 for bidirectional operation. TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com