Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRC8 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE49SRC8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRC8 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE49SRC8 Datasheet HTML 30Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 31Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 32Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 33Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 34Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 35Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 36Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 37Page - Infineon Technologies AG TLE49SRC8 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
SENT
µC
VDD
GND
VµC
VDD
68pF
RP_SENT
10kΩ
2.2nF
100pF
10kΩ
CBUF
CS
CL
TLE49SR
I/O
GND
CBuf
VDD
560Ω
Figure 22
Application Circuit for SENT interface
TLE49SR
Datasheet
6 Application Information
Datasheet
34
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com