Electronic Components Datasheet Search
  English  ▼

X  

IP6821 Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP6821
Description  Wireless Charging Transmitter Control SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6821 Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP6821 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IP6821
V1.00
http://www.injoinic.com/
6 / 13
Copyright © 2023, Injoinic Corp.
9 Recommended Operating Conditions
Parameters
Symbol
Min
Typ
Max
Unit
VIN supply voltage
VIN
4
5/9/12
13
V
GPIO input voltage
LED1, LED2
-0.3
-
VCC+0.3
V
ISNS, VDEM, VCOIL
-0.3
-
VCC+0.3
V
Operating Ambient Temperature
TA
-20
-
85
℃
*Devices’ performance cannot be guaranteed when working beyond those Recommended Operating Conditions.
10 Electrical Characteristics
Unless otherwise specified,TA=0°C ~85°C
Parameters
Symbol
Test Condition
Min
Typ
Max
Unit
VIN
VIN Operating Voltage
Range
VIN
4
-
13
V
VIN Standby Current
IQ_VIN
VIN=5V
10
15
mA
VIN Sleep Current
ISLEEP_VIN
VIN=3~5V
30
-
50
uA
System
VCC Voltage
VCC
VIN = 5V
4.8
V
VCC Load Capacity IVCC
IVCC
VCC Maximum Load
Current
50
mA
Thermal Shutdown Junction
Temperature
TOTP
Rising Temperature
130
140
150
℃
Thermal Shutdown Hysteresis
ΔTOTP
Thermal shutdown
recovery hysteresis
30
40
50
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com