Electronic Components Datasheet Search
  English  ▼

X  

MIC29752WWT Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC29752WWT
Description  High-Current Low Dropout Regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC29752WWT Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC29752WWT Datasheet HTML 3Page - Microchip Technology MIC29752WWT Datasheet HTML 4Page - Microchip Technology MIC29752WWT Datasheet HTML 5Page - Microchip Technology MIC29752WWT Datasheet HTML 6Page - Microchip Technology MIC29752WWT Datasheet HTML 7Page - Microchip Technology MIC29752WWT Datasheet HTML 8Page - Microchip Technology MIC29752WWT Datasheet HTML 9Page - Microchip Technology MIC29752WWT Datasheet HTML 10Page - Microchip Technology MIC29752WWT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
 2016 Microchip Technology Inc.
DS20005685A-page 7
MIC2915X/30X/50X/75X
ENABLE Input - MIC29xx1/MIC29xx2
Input Logic Voltage Low
(OFF)
——
0.8
V
—
Input Logic Voltage High
(ON)
2.4
—
—
V
—
Enable Pin Input Current
—100
600
µA
VEN = 26V
——
750
0.7
—
2
VEN = 0.8V
——
4
Regulator Output Current
in Shutdown
—10
500
µA
VEN ≤ 0.8V and VIN ≤ 26V, VOUT = 0.
Note 1:
Specification for packaged product only.
2:
When used in dual supply systems where the regulator load is returned to a negative supply, the output
voltage must be diode clamped to ground.
3:
Full load current (IFL) is defined as 1.5A for the MIC2915x, 3A for the MIC2930x, 5A for the MIC2950x,
and 7.5A for the MIC2975x families.
4:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
5:
Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its
normal value with VOUT + 1V applied to VIN.
6:
Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum
of the load current plus the ground pin current.
7:
VIN = VOUT (nominal) + 1V. For example, use VIN = 4.3V for a 3.3V regulator or use 6V for a 5V regulator.
Employ pulse-testing procedures to pin current.
8:
VREF ≤ VOUT ≤ (VIN – 1V), 2.3V ≤ VIN ≤ 26V, 10 mA < IL ≤ IFL, TJ ≤ TJMAX.
9:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a 200 mA load pulse at VIN =
20V (a 4W pulse) for T = 10 ms.
10:
Comparator thresholds are expressed in terms of a voltage differential at the adjust terminal below the
nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage
change, multiply by the error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example, at a programmed
output voltage of 5V, the error output is guaranteed to go low when the output drops by 95 mV x
5V/1.240V = 384 mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the drop-
out warning occurring at typically 5% below nominal, 7.7% guaranteed.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (Note 1, Note 2) (CONTINUED)
Electrical Characteristics:
VIN = VOUT + 1V; IOUT = 10 mA; TJ = +25°C. Bold values indicate –40°C ≤ TJ ≤ +125°C,
unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com