Electronic Components Datasheet Search
  English  ▼

X  

1599EBKBAT Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1599EBKBAT
Description  Purchased assembly includes box, lid and 4 cover screws. Flame retardant ABS carries UL flammability rating of 94 V-0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1599EBKBAT Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1599EBKBAT Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Black FR-ABS
1599BBK
Grey FR-ABS
1599BGY
Black GP-ABS
1599BSBK
Grey GP-ABS
1599BSGY
Cover Screws for FR-ABS (Pkg 100)
[M3 - 0.5 x 20mm Nickel Plated Machine Screws]
1594MS100
Cover Screws for GP-ABS (Pkg 100)
[#4 x 3/4" Stainless Steel Self Tapping Screws]
1599BTS100
P.C Board Mounting Screws (Pkg of 50 or 100)
[#4 x 1/4" Self Tapping Screws]
1593ATS50
1593ATS100
1599B Fire Retardant ABS
ACCESSORIES
NOTE
Purchased assembly includes box, lid and 4 cover screws. Flame retardant ABS
carries UL flammability rating of 94 V-0
PART NUMBERS
1599B General Purpose ABS
1
1
2
2
A
A
B
B
A
A
BB
1599B
SECTION A-A
End View of Assembly
Top View of Assembly
SECTION B-B
Side View of Assembly
Top View Looking Inside Box
Lid
25.50
[1.004]
1.00
[.039]
112.00
[4.409]
47.00
[1.850]
130.00
[5.118]
65.00
[2.559]
40.00
[1.575]
50.00
[1.969]
40.00
[1.575]
8.65
[.341]
2.50
[.098]
31.75
[1.250]
59.10
[2.327]
53.00
[2.087]
38.00
[1.496]
103.00
[4.055]
123.50
[4.862]
R4.50
[.177]
40.00
[1.575]
50.00
[1.969]
40.00
[1.575]
n3.40
[.134]
Maximum P.C. Board Size
5.30
[.209]
2.50
[.098]
117.25
[4.616]
.88
[.035]
50.00
[1.969]
40.00
[1.575]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.


Similar Part No. - 1599EBKBAT

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1599EBK HAMMOND-1599EBK Datasheet
133Kb / 3P
HAMMOND 1599 SERIES PLASTIC ENCLOSURE
More results

Similar Description - 1599EBKBAT

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1551F HAMMOND-1551F Datasheet
297Kb / 1P
Purchased assembly includes lid and box made from GP ABS material
1551G HAMMOND-1551G Datasheet
295Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551M HAMMOND-1551M Datasheet
298Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551MFL HAMMOND-1551MFL Datasheet
299Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551N HAMMOND-1551N Datasheet
306Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551NFL HAMMOND-1551NFL Datasheet
296Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551QFL HAMMOND-1551QFL Datasheet
300Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
logo
Marathon Special Produc...
R6T30AXS MARATHON-R6T30AXS Datasheet
481Kb / 3P
Flammability rating of insulator base: UL 94 V-0
REV-D 05/30/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com