Electronic Components Datasheet Search
  English  ▼

X  

MAX16913 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX16913
Description  Remote Antenna Current-Sense Amplifier and Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX16913 Datasheet(HTML) 2 Page - Analog Devices

  MAX16913 Datasheet HTML 1Page - Analog Devices MAX16913 Datasheet HTML 2Page - Analog Devices MAX16913 Datasheet HTML 3Page - Analog Devices MAX16913 Datasheet HTML 4Page - Analog Devices MAX16913 Datasheet HTML 5Page - Analog Devices MAX16913 Datasheet HTML 6Page - Analog Devices MAX16913 Datasheet HTML 7Page - Analog Devices MAX16913 Datasheet HTML 8Page - Analog Devices MAX16913 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IN to GND..............................................................-0.3V to +42V
OUT to GND..........................................................-0.3V to +42V
SENS to IN...........................................................-0.3V to +0.3V
SC, OL, SHDN, OLT, AOUT to GND....................-0.3V to +6.0V
Current into Any Pin Except OUT and SENS ..................±20mA
Current into SENS and OUT..........................................±340mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 18.2mW/°C above +70°C) ..1454.5mW
Operating Temperature Range......................... -40°C to +105°C
Junction Temperature....................................... -40°C to +150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VIN = +9V to +18V, TA = TJ = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Operating Input Voltage Range
VIN
5
18
V
Quiescent Supply Current
ICC
VSHDN < 0.4V
0.6
1.2
mA
Shutdown Supply Current
ISD
VSHDN > 1.7V, TA = +25°C
5
µA
(VIN -VSENS) to VAOUT Gain
Av
VAOUT/(VIN -VSENS)
13
V/V
AOUT Maximum Voltage
(VIN -VSENS) > 300mV
4.3
V
AOUT Zero-Current Output Voltage
(VIN -VSENS) = 0
340
400
460
mV
AOUT Voltage
ILOAD = ISC, (VIN - VSENS) = 100mV
1.5
1.7
1.9
V
ILOAD = 2 x ISC, (VIN -VSENS) = 200mV
2.7
3
3.3
AOUT Output Impedance
ZAOUT
5
kΩ
Switch Dropout Voltage
VD
Measured between SENS and OUT while
sourcing 100mA
0.6
V
Thermal Shutdown Threshold
TSHDN Temperature rising
+150
164
°C
Thermal Shutdown Hysteresis
THYST
15
°C
Reference Output Voltage
VREF
2.7
3
3.3
V
Reference Output Impedance
ZREF
5
kΩ
THRESHOLDS
Open-Load Current Threshold
IOL
RSENSE = 1Ω (VOLT = 0.66V for the
MAX16913 only)
10
20
30
mA
Nominal Open-Load Threshold
Setting Range
VOLR
(MAX16913A only)
10
50
mV
Short-Circuit Voltage Threshold
VSC
RSENSE = 1Ω
87
100
110
mV
Voltage between IN and SENS
VLIM
At current limit, VIN = 14V
173
200
225
mV
Overvoltage Shutdown Threshold
VOVLO VIN rising
18
21
24
V
Overcurrent Blanking Time
tBLANK
100
200
ms
Retry Time
tRETRY
1500
3000
ms
MAX16913/MAX16913A
Remote Antenna Current-Sense
Amplifier and Switches
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Junction-to-Ambient Thermal Resistance (θJA) ..............55°C/W
Junction-to-Case Thermal Resistance (θJC) ....................25°C/W
(Note 1)
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com