Electronic Components Datasheet Search
  English  ▼

X  

BU508AT Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BU508AT
Description  NPN SILICON PLANAR POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BU508AT Datasheet(HTML) 1 Page - Continental Device India Limited

  BU508AT Datasheet HTML 1Page - Continental Device India Limited BU508AT Datasheet HTML 2Page - Continental Device India Limited BU508AT Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR POWER TRANSISTOR
BU508AT
TO-220
Plastic Package
High Voltage, High-Speed Switching Transistor
Intended for use in Horizontal Deflection Circuits of Colour Televisions
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCES
Collector Emitter Voltage
VCEO
Collector Current (DC)
IC
Collector Current (Peak)
ICM
Base Current (DC)
IB
Base Current (Peak)
IBM
Reverse Base Current (DC or average
over any 20 ms period)
-IB(AV)
Reverse Base Current (Peak Value)
*-IBM
Power Dissipation upto Tc=25ºC
Ptot
Operating and Storage Junction
Temperature Range
Tj, Tstg
*Turn off Current
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
**ICES
VCE=VCES max, VBE=0
1.0
mA
Tj=125ºC
VCE=VCES max, VBE=0
2.0
mA
Emitter Cut off Current
IEBO
VEB=6V, IC=0
10
mA
Collector Emitter Sustaining Voltage
*VCEO(sus)
IC=100mA, IB=0, L=25mH
700
V
DC Current Gain
*hFE
IC=4.5A, VCE=5V
2.25
Collector Emitter Saturation Voltage
*VCE(sat)
IC=4.5A, IB=2A
1.0
V
Base Emitter Saturation Voltage
*VBE(sat)
IC=4.5A, IB=2A
1.3
V
Transition Frequency
fT
IC=0.1A, VCE=5V, f=5MHz
7
MHz
Collector Capacitance
CC
IE=ie=0, VCB=10V, f=1MHz
125
pF
**Measured with half-sinewave Voltage (curve tracer)
*Pulse Test: Pulse Width=5ms, Duty Cycle<10%
A
W
ºC
A
A
A
mA
UNIT
V
V
A
100
5
60
- 65 to +150
VALUE
1500
700
8
15
4
6
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BU508AT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU508AT ISC-BU508AT Datasheet
194Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 700V (Min)
More results

Similar Description - BU508AT

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFC2026 CDIL-CFC2026 Datasheet
100Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD1499 CDIL-CFD1499 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3772 TEL-2N3772 Datasheet
69Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 TEL-2N3773 Datasheet
68Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
BD707 TEL-BD707 Datasheet
159Kb / 2P
NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
CFD2374 CDIL-CFD2374 Datasheet
95Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 CDIL-2N3773 Datasheet
219Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
2N3772 CDIL-2N3772 Datasheet
144Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
BU208A CDIL-BU208A Datasheet
119Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
BD707 CDIL-BD707 Datasheet
194Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com