Electronic Components Datasheet Search
  English  ▼

X  

OC5033 Datasheet(PDF) 2 Page - OCX semiconductor

Part # OC5033
Description  High-end current sensing step-down LED constant current driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OCX [OCX semiconductor]
Direct Link  http://www.ocxsemi.com/
Logo OCX - OCX semiconductor

OC5033 Datasheet(HTML) 2 Page - OCX semiconductor

  OC5033 Datasheet HTML 1Page - OCX semiconductor OC5033 Datasheet HTML 2Page - OCX semiconductor OC5033 Datasheet HTML 3Page - OCX semiconductor OC5033 Datasheet HTML 4Page - OCX semiconductor OC5033 Datasheet HTML 5Page - OCX semiconductor OC5033 Datasheet HTML 6Page - OCX semiconductor OC5033 Datasheet HTML 7Page - OCX semiconductor OC5033 Datasheet HTML 8Page - OCX semiconductor OC5033 Datasheet HTML 9Page - OCX semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OC5033
高端电流检测降压 LED 恒流驱动器
深圳欧创芯半导体有限公司
www.ocxsemi.com
2
OC5033_DS01CN
封装及管脚分配
1
3
2
6
4
5
CSN
DIM
VIN
VCC
DRV
VSS
OC5033
SOT23-6
管脚描述
管脚序号
管脚名称
管脚类型
描述
1
VIN
电源
电源电压
2
CSN
输入
电流检测端
3
DIM
输入
调光脚
4
VSS
地
地
5
DRV
输出
功率开关管驱动端
6
VCC
输出
5.5V LDO 输出,接电容



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com