Electronic Components Datasheet Search
  English  ▼

X  

PDC0744T Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDC0744T
Description  100V NP Dual Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC0744T Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDC0744T Datasheet HTML 1Page - Potens Semiconductor Corp. PDC0744T Datasheet HTML 2Page - Potens Semiconductor Corp. PDC0744T Datasheet HTML 3Page - Potens Semiconductor Corp. PDC0744T Datasheet HTML 4Page - Potens Semiconductor Corp. PDC0744T Datasheet HTML 5Page - Potens Semiconductor Corp. PDC0744T Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Potens semiconductor corp.
Ver.1.02
1
PDC0744T
100V N+P Dual Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
-100
V
VGS
Gate-Source Voltage
±20
±20
V
ID
Drain Current
– Continuous (TC=25
℃)
10
-8
A
Drain Current
– Continuous (TC=100
℃)
6.3
-5.1
A
Drain Current
– Continuous (TA=25
℃)1
5
-4.5
A
IDM
Drain Current
– Pulsed (TC=25
℃)2
40
-32
A
EAS
Single Pulse Avalanche Energy
53
187
mJ
IAS
Single Pulse Avalanched Current
103
197
A
PD
Power Dissipation (TC=25
℃)
39
W
Power Dissipation
– Derate above TC=25
℃
0.313
W/
℃
Power Dissipation (TA=25
℃)1
9
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA cont.
Thermal Resistance Junction to ambient (Continuous)
---
62
℃/W
RθJA ≦1s
Thermal Resistance Junction to ambient (Pw≦1s)1
---
13.5
℃/W
RθJC
Thermal Resistance Junction to Case
---
3.2
℃/W
BVDSS
RDSON
ID
100V
168m
10A
-100V
300m
-8A
These N+P dual Channel enhancement mode power
field effect transistors are using trench DMOS
technology. This advanced technology has been
especially tailored to minimize on-state resistance,
provide superior switching performance, and withstand
high energy pulse in the avalanche and commutation
mode. These devices are well suited for high efficiency
fast switching applications.
 Fast switching
 Green Device Available
 Suit for 4.5V Gate Drive Applications
 100% EAS Guaranteed
General Description
Features
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
Applications
 DC Fan
 Motor Drive Applications
 Networking
 Half / Full Bridge Topology
PPAK5x6 Dual Pin Configuration
S1
D1
G2
S2
G1
D2
D2
2
S2
S1
G2
G1
D1
D1
D2


Similar Part No. - PDC0744T

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDC0745C SUPERWORLD-PDC0745C Datasheet
260Kb / 6P
SMD POWER INDUCTORS
PDC0745C-100MF SUPERWORLD-PDC0745C-100MF Datasheet
260Kb / 6P
SMD POWER INDUCTORS
PDC0745C-101MF SUPERWORLD-PDC0745C-101MF Datasheet
260Kb / 6P
SMD POWER INDUCTORS
PDC0745C-150MF SUPERWORLD-PDC0745C-150MF Datasheet
260Kb / 6P
SMD POWER INDUCTORS
PDC0745C-1R5MF SUPERWORLD-PDC0745C-1R5MF Datasheet
260Kb / 6P
SMD POWER INDUCTORS
More results

Similar Description - PDC0744T

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD09N66 BWTECH-MSD09N66 Datasheet
586Kb / 6P
100V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK0903P FS-FTK0903P Datasheet
972Kb / 5P
-100V P-Channel MOSFETs
FTK0905 FS-FTK0905 Datasheet
997Kb / 5P
100V P-Channel MOSFETs
FTK0906T FS-FTK0906T Datasheet
1,010Kb / 5P
100V N-Channel MOSFETs
FTK0954T FS-FTK0954T Datasheet
876Kb / 5P
100V N-Channel MOSFETs
FTK0959D FS-FTK0959D Datasheet
828Kb / 5P
100V P-Channel MOSFETs
FTK0966D FS-FTK0966D Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0970P FS-FTK0970P Datasheet
998Kb / 5P
100V N-Channel MOSFETs
FTK0976DFN56 FS-FTK0976DFN56 Datasheet
1Mb / 5P
100V P-Channel MOSFETs
FTK0976F FS-FTK0976F Datasheet
1Mb / 5P
100V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com