Electronic Components Datasheet Search
  English  ▼

X  

8090740 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8090740
Description  Dummy plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8090740 Datasheet(HTML) 1 Page - Festo Corporation.

  8090740 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dummy plug
NEAC-M-S-BD-R3SCPP
Part number: 8090740
General operating condition
Data sheet
Feature
Value
Width
34 mm
Height
22.4 mm
Length
69.2 mm
Product weight
75.4 g
Pack size
1
Electrical connection 1, connection technology
for RJ45 and SC-RJ
Electrical connection 1, type of mounting
Push-Pull
Degree of protection
IP65
IP67
Note on degree of protection
In mounted state
Ambient temperature
-40 °C ... 70 °C
Storage temperature
-40 °C ... 70 °C
LABS (PWIS) conformity
VDMA24364-A1-L
Note on materials
RoHS-compliant
Corrosion resistance class (CRC)
1 - Low corrosion stress
Housing colour
Silver
Housing material
Die-cast zinc, nickel-plated
Seals material
NBR
Fire tested
UL94 V-0
2/12/26 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8090740

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8090 ETC2-8090 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
logo
NTE Electronics
8090 NTE-8090 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Knowles Electronics
8090 KNOWLES-8090 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
RAF ELECTRONIC HARDWARE
8090-440-A RAF-8090-440-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results

Similar Description - 8090740

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS10SLF2 GLENAIR-ITS10SLF2 Datasheet
1Mb / 2P
Dummy Plug Stowage Receptacle
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
Dummy Stowage Receptacle
IPT3115 GLENAIR-IPT3115 Datasheet
168Kb / 1P
Dummy Stowage Receptacles
logo
CAMBION Electronic Comp...
461-2899 CAMBION-461-2899 Datasheet
25Kb / 1P
Dummy Plug, .040 (1,02) diameter pins
logo
Japan Aviation Electron...
M120-55780 JAE-M120-55780 Datasheet
69Kb / 1P
DUMMY PLUG
logo
Glenair, Inc.
181-051 GLENAIR-181-051 Datasheet
359Kb / 1P
Dummy Terminus
logo
Winchester Electronics ...
KD-89-03 WINCHESTER-KD-89-03 Datasheet
34Kb / 1P
DUMMY RECEPTACLE
logo
Glenair, Inc.
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
Dummy Stowage Receptacle
809-213 GLENAIR-809-213 Datasheet
227Kb / 2P
Dummy Stowage Plug for 804 Connectors
logo
PHOENIX CONTACT
3069875 PHOENIX-3069875 Datasheet
80Kb / 5P
Dummy plug - FBP-2/4
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com