Electronic Components Datasheet Search
  English  ▼

X  

OV2640 Datasheet(PDF) 24 Page - OmniVision Technologies, Inc.

Part # OV2640
Description  OV2640 Color CMOS UXGA (2.0 MegaPixel) CAMERACHIPTM Omni ision ® with OmniPixel2TM Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2640 Datasheet(HTML) 24 Page - OmniVision Technologies, Inc.

Back Button OV2640 Datasheet HTML 20Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 21Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 22Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 23Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 24Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 25Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 26Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 27Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 28Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24
Proprietary to OmniVision Technologies
Version 1.6, February 28, 2006
OV2640
Color CMOS UXGA (2.0 MegaPixel) OmniPixel2™ CAMERACHIP™
Omni ision
12
COM7
00
RW
Common Control 7
Bit[7]:
SRST
1:
Initiates system reset. All registers are set to factory
default values after which the chip resumes normal
operation
Bit[6:4]:
Resolution selection
000: UXGA (full size) mode
001: CIF mode
100: SVGA mode
Bit[3]:
Reserved
Bit[2]:
Zoom mode
Bit[1]:
Color bar test pattern
0:
OFF
1:
ON
Bit[0]:
Reserved
13
COM8
C7
RW
Common Control 8
Bit[7:6]:
Reserved
Bit[5]:
Banding filter selection
0:
OFF
1:
ON, set minimum exposure time to 1/120s
Bit[4:3]:
Reserved
Bit[2]:
AGC auto/manual control selection
0:
Manual
1:
Auto
Bit[1]:
Reserved
Bit[0]:
Exposure control
0:
Manual
1:
Auto
14
COM9
50
RW
Common Control 9
Bit[7:5]:
AGC gain ceiling, GH[2:0]
000: 2x
001: 4x
010: 8x
011: 16x
100: 32x
101: 64x
11x: 128x
Bit[4:0]:
Reserved
Table 13
Device Control Register List (when 0xFF = 01) (Sheet 3 of 7)
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com