Electronic Components Datasheet Search
  English  ▼

X  

CPC1972 Datasheet(PDF) 1 Page - Littelfuse

Part # CPC1972
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1972 Datasheet(HTML) 1 Page - Littelfuse

  CPC1972 Datasheet HTML 1Page - Littelfuse CPC1972 Datasheet HTML 2Page - Littelfuse CPC1972 Datasheet HTML 3Page - Littelfuse CPC1972 Datasheet HTML 4Page - Littelfuse CPC1972 Datasheet HTML 5Page - Littelfuse CPC1972 Datasheet HTML 6Page - Littelfuse CPC1972 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1972-R07
1
CPC1972
AC Power Switch
Part Number
Description
CPC1972G
6-Pin DIP (50/Tube)
CPC1972GS
6-Pin Surface Mount (50/Tube)
CPC1972GSTR
6-Pin Surface Mount (1000/Reel)
Parameter
Ratings
Units
Blocking Voltage
800
V
P
Load Current
250
mA
rms
On State Voltage Drop
3
V
rms (at IL = 250 mArms)
Operating Voltage
550
V
rms
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
The CPC1972 is an AC Solid State Switch using
optical coupling with dual power silicon controlled
rectifier (SCR) outputs to produce an alternative to
optocoupler and Triac circuits. The CPC1972 switches
are robust enough to provide a blocking voltage of up
to 800V
P .
In addition, tightly controlled zero cross circuitry
ensures switching of AC loads without the generation
of transients.
The input and output circuits are optically coupled
to provide 3750V
rms of isolation and noise immunity
between the control and load circuits. As a result the
CPC1972 is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• UL Recognized Component: File E69938
• CSA Certified Component: Certificate 1172007
• Load Current up to 250mA
rms
• 800V
P Blocking Voltage
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• Low EMI and RFI Generation
• High Noise Immunity
ZC
1
3
2
4
5
6
N/C
N/C
AC Load
AC Load
– LED
+ LED


Similar Part No. - CPC1972

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1972 CLARE-CPC1972 Datasheet
108Kb / 5P
AC Power Switch
CPC1972 CLARE-CPC1972 Datasheet
127Kb / 7P
AC Power Switch
logo
IXYS Corporation
CPC1972 IXYS-CPC1972 Datasheet
114Kb / 7P
Low EMI and RFI Generation
logo
Clare, Inc.
CPC1972G CLARE-CPC1972G Datasheet
108Kb / 5P
AC Power Switch
CPC1972G CLARE-CPC1972G Datasheet
127Kb / 7P
AC Power Switch
More results

Similar Description - CPC1972

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com