Electronic Components Datasheet Search
  English  ▼

X  

FDA217STR Datasheet(PDF) 2 Page - Littelfuse

Part # FDA217STR
Description  Dual Photovoltaic MOSFET Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FDA217STR Datasheet(HTML) 2 Page - Littelfuse

  FDA217STR Datasheet HTML 1Page - Littelfuse FDA217STR Datasheet HTML 2Page - Littelfuse FDA217STR Datasheet HTML 3Page - Littelfuse FDA217STR Datasheet HTML 4Page - Littelfuse FDA217STR Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.littelfuse.com
2
R06
FDA217
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
140
mW
Total Power Dissipation 2
500
mW
ESD Rating, Human Body Model
8
kV
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature, Ambient
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate output power linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Open Circuit Voltage
I
F=5mA
V
OC
10.5
11.75
15.3
V
I
F=10mA
10.5
12.2
15.3
Short Circuit Current
I
F=5mA
I
SC
2.5
4.5
-
A
I
F=10mA
5
9.1
I
F=15mA
7.5
13.5
I
F=20mA
10
18.5
I
F=30mA
15
27
Switching Speeds
Turn-On
I
F=5mA, VLOAD=5V, CLOAD=200pF
t
on
--
2
ms
Turn-Off
t
off
-
-
0.5
Offstate Clamping Resistance
V
L=1V
R
CL
100
770
3300
Input Characteristics
LED Current to Activate
I
SC=2.5AIF
-
3.8
5
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.36
1.5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Capacitance, Input to Output
-
C
IO
-3
-
pF
Electrical Characteristics @ 25ºC
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Typical values are characteristic of the device at the specified
temperatures and are the result of engineering evaluations.
They are provided for information purposes only and are not
part of the manufacturing testing requirements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com