Electronic Components Datasheet Search
  English  ▼

X  

PL2773 Datasheet(PDF) 9 Page - Prolific Technology Inc.

Part # PL2773
Description  PL2773 SuperSpeed USB 3.0 & eSATA to SATA Bridge Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2773 Datasheet(HTML) 9 Page - Prolific Technology Inc.

Back Button PL2773 Datasheet HTML 5Page - Prolific Technology Inc. PL2773 Datasheet HTML 6Page - Prolific Technology Inc. PL2773 Datasheet HTML 7Page - Prolific Technology Inc. PL2773 Datasheet HTML 8Page - Prolific Technology Inc. PL2773 Datasheet HTML 9Page - Prolific Technology Inc. PL2773 Datasheet HTML 10Page - Prolific Technology Inc. PL2773 Datasheet HTML 11Page - Prolific Technology Inc. PL2773 Datasheet HTML 12Page - Prolific Technology Inc. PL2773 Datasheet HTML 13Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Revised Date:
September 1, 2010
ds_PL2773_v1.0.1
PL2773 (Chip Rev A) Product Datasheet
- 9 -
Document Version 1.0.1
3.0 PIN Assignment Description
3.1 USB PHY Related Pins
Pin Type Abbreviation:
I: Input
O: Output
B: Bidirectional
A: Analog
P: Power/Ground
Table 3-1 USB PHY Related Pins
Symbol
Type
Pin No.
LQFP64
Description
RREF
A
23
External resistor (12K
) for bias current generation
DP
B
20
High speed D+ signal
DM
B
21
High speed D- signal
XSCI_USB
I
18
USB Crystal oscillator input. (30MHz)
XSCO_USB
O
17
USB Crystal oscillator output. (30MHz)
VCC33A
P
22
Analog 3.3V supply voltage
GND33A
P
19,27
Analog ground
VCC12A
P
29
Analog 1.2V supply voltage.
GND12A
P
32
Analog ground
SSCAP
O
24
Connect an external capacitor (X7R 2.2nF ±10%) to
GND33A
V128
P
25
Analog 1.2V supply voltage.
SSTXP
A
28
Differential SuperSpeed transmitting data (positive
terminal)
SSTXM
A
26
Differential SuperSpeed transmitting data (negative
terminal)
SSRXP
A
31
Differential SuperSpeed receiving data (positive
terminal)
SSRXM
A
30
Differential SuperSpeed receiving data (negative
terminal)
3.2 SATA PHY Related Pins
Table 3-2 SATA PHY Related Pins
Symbol
Type
Pin No.
LQFP64
Description
GNDA_S1
P
53,55,61,64
Analog ground
RXDP_S1
A
54
Receive Data (Receiver positive input)
RXDN_S1
A
56
Receive Data (Receiver negative input)
VCC12A_C1
P
57
Analog 1.2V supply voltage
VCC12A_P1
P
62
Analog 1.2V supply voltage
TXDN_S1
A
58
Transmit Data (Transmitter negative output)
TXDP_S1
A
59
Transmit Data (Transmitter positive output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com