Electronic Components Datasheet Search
  English  ▼

X  

70301650 Datasheet(PDF) 13 Page - RYCHIP Semiconductor Inc.

Part # 70301650
Description  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

70301650 Datasheet(HTML) 13 Page - RYCHIP Semiconductor Inc.

Back Button 70301650 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 10Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 11Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 12Page - RYCHIP Semiconductor Inc. 70301650 Datasheet HTML 13Page - RYCHIP Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
RY8411
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Page 13 / 13
Package Description
TOP VIEW
RECOMMENDED PAD LAYOUT
FRONT VIEW
SIDE VIEW
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
NOTE:
1. CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS.
2. PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
3. PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
4. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.004" INCHES MAX.
5. DRAWING CONFORMS TO JEDEC MS-012, VARIATION BA.
6. DRAWING IS NOT TO SCALE.
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
NOTE:
1. CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS.
2. PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
3. PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
4. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.004" INCHES MAX.
5. DRAWING CONFORMS TO JEDEC MS-012, VARIATION BA.
6. DRAWING IS NOT TO SCALE.
SOT23-6
GAUGE PLANE
0.25 BSC
0.30
0.55
0°~8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com