Electronic Components Datasheet Search
  English  ▼

X  

CD74HC540M96 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC540M96
Description  High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC540M96 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC540M96 Datasheet HTML 1Page - Texas Instruments CD74HC540M96 Datasheet HTML 2Page - Texas Instruments CD74HC540M96 Datasheet HTML 3Page - Texas Instruments CD74HC540M96 Datasheet HTML 4Page - Texas Instruments CD74HC540M96 Datasheet HTML 5Page - Texas Instruments CD74HC540M96 Datasheet HTML 6Page - Texas Instruments CD74HC540M96 Datasheet HTML 7Page - Texas Instruments CD74HC540M96 Datasheet HTML 8Page - Texas Instruments CD74HC540M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS189C
Features
• ’HC540, CD74HCT540 . . . . . . . . . . . . . . . . . . . Inverting
• ’HC541, ’HCT541 . . . . . . . . . . . . . . . . . . . . . . Non-Inverting
• Buffered Inputs
• Three-State Outputs
• Bus Line Driving Capability
• Typical Propagation Delay = 9ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC540 and CD74HCT540 are Inverting Octal Buffers
and Line Drivers with Three-State Outputs and the capability
to drive 15 LSTTL loads. The ’HC541 and ’HCT541 are Non-
Inverting Octal Buffers and Line Drivers with Three-State Out-
puts that can drive 15 LSTTL loads. The Output Enables
(OE1) and (OE2) control the Three-State Outputs. If either
OE1 or OE2 is HIGH the outputs will be in the high imped-
ance state. For data output OE1 and OE2 both must be LOW.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC540F3A
-55 to 125
20 Ld CERDIP
CD54HC541F3A
-55 to 125
20 Ld CERDIP
CD54HCT541F3A
-55 to 125
20 Ld CERDIP
CD74HC540E
-55 to 125
20 Ld PDIP
CD74HC540M
-55 to 125
20 Ld SOIC
CD74HC540M96
-55 to 125
20 Ld SOIC
CD74HC541E
-55 to 125
20 Ld PDIP
CD74HC541M
-55 to 125
20 Ld SOIC
CD74HC541M96
-55 to 125
20 Ld SOIC
CD74HC541PW
-55 to 125
20 Ld TSSOP
CD74HC541PWR
-55 to 125
20 Ld TSSOP
CD74HCT540E
-55 to 125
20 Ld PDIP
CD74HCT540M
-55 to 125
20 Ld SOIC
CD74HCT540M96
-55 to 125
20 Ld SOIC
CD74HCT541E
-55 to 125
20 Ld PDIP
CD74HCT541M
-55 to 125
20 Ld SOIC
CD74HCT541M96
-55 to 125
20 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
January 1998 - Revised July 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54/74HC540, CD74HCT540,
CD54/74HC541, CD54/74HCT541
High-Speed CMOS Logic
Octal Buffer and Line Drivers, Three-State
[ /Title
(CD74
HC540
,
CD74
HCT54
0,
CD74
HC541
,
CD74
HCT54


Similar Part No. - CD74HC540M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC540M96 TI-CD74HC540M96 Datasheet
319Kb / 16P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD74HC540M96 TI-CD74HC540M96 Datasheet
467Kb / 19P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD74HC540M96E4 TI-CD74HC540M96E4 Datasheet
467Kb / 19P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD74HC540M96G4 TI-CD74HC540M96G4 Datasheet
467Kb / 19P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
More results

Similar Description - CD74HC540M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC240 TI-CD74HC240 Datasheet
38Kb / 8P
High Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD74HC540 TI-CD74HC540 Datasheet
41Kb / 8P
High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD74HC540 TI-CD74HC540 Datasheet
41Kb / 8P
High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HCT541 TI-CD54HCT541 Datasheet
319Kb / 16P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC540 TI-CD54HC540 Datasheet
467Kb / 19P
High-Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC126 TI-CD54HC126_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com