Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4059 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC4059
Description  High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4059 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC4059 Datasheet HTML 1Page - Texas Instruments CD54HC4059 Datasheet HTML 2Page - Texas Instruments CD54HC4059 Datasheet HTML 3Page - Texas Instruments CD54HC4059 Datasheet HTML 4Page - Texas Instruments CD54HC4059 Datasheet HTML 5Page - Texas Instruments CD54HC4059 Datasheet HTML 6Page - Texas Instruments CD54HC4059 Datasheet HTML 7Page - Texas Instruments CD54HC4059 Datasheet HTML 8Page - Texas Instruments CD54HC4059 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Pulse Width CP
tW
2
90
-
-
115
-
-
135
-
-
ns
4.5
18
-
-
23
-
-
27
-
-
ns
615
-
-
20
-
-
23
-
-
ns
Setup Time
Kb, Kc to CP
tSU
2
75
-
-
95
-
-
110
-
-
ns
4.5
15
-
-
19
-
-
22
-
-
ns
613
-
-
16
-
-
19
-
-
ns
CP Frequency
fMAX
2
5
-
-
4
-
-
4
-
-
MHz
4.5
27
-
-
22
-
-
18
-
-
MHz
6
32
-
-
26
-
-
21
-
-
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Propagation Delay,
CP to Q
tPLH, tPHL
CL = 50pF
2
-
-
200
-
250
-
300
ns
4.5
-
-
40
-
50
-
60
ns
6
-
-
34
-
43
-
51
ns
CL = 15pF
5
-
17
-
----
ns
Propagation Delay,
LE to Q
tPLH, tPHL
CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
6
-
-
30
-
37
-
45
ns
CL = 15pF
5
-
14
-
----
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
CP Frequency
fMAX
CL = 15pF
5
-
54
-
----
MHz
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 5, 6)
CPD
-
5
-
36
-
----
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per package.
6. PD =CPD VCC
2 f
i + Σ CL VCC
2 f
o where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
CD54HC4059, CD74HC4059
CD54HC4059, CD74HC4059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com