Electronic Components Datasheet Search
  English  ▼

X  

8203297 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8203297
Description  Push-in fitting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8203297 Datasheet(HTML) 1 Page - Festo Corporation.

  8203297 Datasheet HTML 1Page - Festo Corporation. 8203297 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Push-in fitting
NPQO-D-G14-Q6-P10
Part number: 8203297
General operating condition
Data sheet
Feature
Value
Nominal width
4.2 mm
Tubing insertion depth
15.6 mm
Type of seal on screwed plug
O-ring
Mounting position
Any
Design
Straight design
Pack size
10
Structural design
Push-pull principle
Operating pressure for entire temperature range
-0.09 MPa ... 2 MPa
Operating pressure for entire temperature range
-0.9 bar ... 20 bar
Operating pressure for entire temperature range
-13.05 psi ... 290 psi
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Carbon dioxide
Air
Oxygen
Nitrogen
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
For use in the food industry
See supplementary material information
Temperature of medium
0 °C ... 120 °C
Ambient temperature
0 °C ... 120 °C
Biocompatibility according to standard
ISO 18562
Oxygen suitability according to standard
ASTM G 93
ISO 15001
Impurity level, hydrocarbons maximum
550 mg/m²
Max. tightening torque
9 Nm
Nominal tightening torque
8 Nm
Tolerance for nominal tightening torque
± 10%
Product weight
17.08 g
Pneumatic connection 1
External thread G1/4
Pneumatic connection 2
for pneumatic tubing outside diameter 6 mm
Ambient temperature Fahrenheit
32 °F ... 248 °F
Releasing ring color
White
Material of screwed plug
High-alloy stainless steel
Note on materials
RoHS-compliant
Housing material
High-alloy stainless steel
Material of threaded seal
FPM
3/2/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8203297

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8203292 FESTO-8203292 Datasheet
75Kb / 2P
Push-in fitting
8203293 FESTO-8203293 Datasheet
74Kb / 2P
Push-in fitting
8203294 FESTO-8203294 Datasheet
77Kb / 2P
Push-in fitting
8203295 FESTO-8203295 Datasheet
77Kb / 2P
Push-in fitting
8203296 FESTO-8203296 Datasheet
75Kb / 2P
Push-in fitting
More results

Similar Description - 8203297

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
Conduit Fitting
M24758-4C GLENAIR-M24758-4C Datasheet
56Kb / 2P
Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
Conduit Fitting
logo
Festo Corporation.
8104285 FESTO-8104285 Datasheet
78Kb / 1P
Fitting
1/21/22
8104286 FESTO-8104286 Datasheet
77Kb / 1P
Fitting
1/21/22
8104287 FESTO-8104287 Datasheet
77Kb / 1P
Fitting
1/21/22
8104288 FESTO-8104288 Datasheet
78Kb / 1P
Fitting
1/21/22
8104289 FESTO-8104289 Datasheet
78Kb / 1P
Fitting
1/21/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com