Electronic Components Datasheet Search
  English  ▼

X  

CY7C68310 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C68310 Datasheet HTML 14Page - Cypress Semiconductor CY7C68310 Datasheet HTML 15Page - Cypress Semiconductor CY7C68310 Datasheet HTML 16Page - Cypress Semiconductor CY7C68310 Datasheet HTML 17Page - Cypress Semiconductor CY7C68310 Datasheet HTML 18Page - Cypress Semiconductor CY7C68310 Datasheet HTML 19Page - Cypress Semiconductor CY7C68310 Datasheet HTML 20Page - Cypress Semiconductor CY7C68310 Datasheet HTML 21Page - Cypress Semiconductor CY7C68310 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
This part is not recommended for new designs
Use CY7C68300B EZ-USB AT2LP™ USB2.0 to ATA/ATAPI
Bridge for new designs
CY7C68310
Document 38-08030 Rev. *J
Page 18 of 34
0x0D
PIO Mode Selection
Bits (7:5)
0x90
PIO Mode Selection. The PIO mode reported back to the
device if the Override PIO Timing configuration bit is set.
mode 0
000
mode 1
001
mode 2
010
mode 3
011
mode 4
100
Skip Pin Reset
Bit (4)
Skip nATARST assertion. Setting this bit prevents the
CY7C68310 from asserting nATARST during initialization of
the ATA/ATAPI device. If this bit is set to ‘1’, SRST Enable
(address 0x09, bit 0) must also be set to ‘1’.
‘0’ = Allow nATARST assertion
‘1’ = Disable nATARST assertion
Reserved
Bits (3:0) – must be set to ‘0’.
0x0E
SYSIRQ User-defined Bits
Bits (7:3)
0x00
SYSIRQ USER_DEF[4:0] bits.
The value of these bits will be returned to the host via the
USB interrupt pipe as stated in Section 4.3.6.
General Purpose IO
Bits(2:0)
GPIO[2:0] pin values.
When the GPIO pins are configured as outputs, writing to
these bits will set the logic value of the GPIO pins to ‘0’ or ‘1’.
Reading this address, regardless of whether the GPIO pins
are set to input or output, returns the logic value from the
GPIO pins.
0x0F
ATAPI IRQ Disable
Bit (7)
0x07
Disables the use of the ATAIRQ signal with ATAPI devices.
‘0’ = ATAIRQ use enabled
‘1’ = ATAIRQ use disabled
Reserved
Bit (6) – must be set to ‘0’.
Int Reason Disable
Bit (5)
Setting to a ‘1’ causes CY7C68310 to ignore the contents of
the interrupt reason register when talking to an ATAPI
device.
HS Indicator Enable
Bit (4)
Enables GPIO2_nHS pin to indicate the current operating
speed of the device (if output is enabled).
‘0’ = normal GPIO operation
‘1’ = high-speed indicator enable
Reserved
Bit (3) – must be set to ‘1’.
General Purpose IO Pin
Enable
Bits (2:0)
GPIO[2:0] high-Z control. These bits have precedence over
bit 4 of this byte.
‘0’ = Output enabled (GPIO pin is an output).
‘1’ = high-Z (GPIO pin is an input).
Table 6-2. EEPROM Organization (continued)
I2C
Address
Field Name
Field Description
Required
I2C Data
Example
I2C Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com