| Electronic Components Datasheet Search |
|
STM32F427II Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427II Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 240 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 64/240 DS9405 Rev 12 - - - - - - 124 H11 VDD I/O FT - - - - - - - - - 125 H10 VSS I/O FT - - - - - - - - - 126 G13 PK0 I/O FT - LCD_G5, EVENTOUT - - - - - - - 127 F12 PK1 I/O FT - LCD_G6, EVENTOUT - - - - - - - 128 F13 PK2 I/O FT - LCD_G7, EVENTOUT - - 87 H13 L15 106 J1 129 M13 PG2 I/O FT - FMC_A12, EVENTOUT - -88 NC (3) K15 107 G3 130 M12 PG3 I/O FT - FMC_A13, EVENTOUT - - 89 H12 K14 108 G5 131 N12 PG4 I/O FT - FMC_A14/FMC_BA0, EVENTOUT - - 90 G13 K13 109 G6 132 N11 PG5 I/O FT - FMC_A15/FMC_BA1, EVENTOUT - - 91 G11 J15 110 G4 133 J15 PG6 I/O FT - FMC_INT2, DCMI_D12, LCD_R7, EVENTOUT - - 92 G12 J14 111 H1 134 J14 PG7 I/O FT - USART6_CK, FMC_INT3, DCMI_D13, LCD_CLK, EVENTOUT - - 93 F13 H14 112 G2 135 H14 PG8 I/O FT - SPI6_NSS, USART6_RTS, ETH_PPS_OUT, FMC_SDCLK, EVENTOUT - - 94 J7 G12 113 D2 136 G10 VSS S- - - - 95 E6 H13 114 G1 137 G11 VDD S- - - 63 96 F9 H15 115 F2 138 H15 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2S2_MCK, USART6_TX, SDIO_D6, DCMI_D0, LCD_HSYNC, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |