Electronic Components Datasheet Search
  English  ▼

X  

LD22CM Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # LD22CM
Description  5A/10A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LD22CM Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  LD22CM Datasheet HTML 1Page - Teledyne Technologies Incorporated LD22CM Datasheet HTML 2Page - Teledyne Technologies Incorporated LD22CM Datasheet HTML 3Page - Teledyne Technologies Incorporated LD22CM Datasheet HTML 4Page - Teledyne Technologies Incorporated LD22CM Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series KD/LD
5A/10A, 60Vdc Optically Isolated, DC Solid-State Relay
Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 202
3 TELEDYNE RELAYS
ELECTRICAL SPECIFICATIONS, CONT.
(–55°C to +105°C UNLESS OTHERWISE NOTED)
OUTPUT (LOAD) SPECIFICATIONS
(See Note 2)
Min Typ Max
Units
Continuous Load Current (See Fig. 3)
KD and LD without heatsink
LD series with heatsink
5
10
ADC
ADC
Leakage Current @ VLOAD = 60 VDC
KD00CK, KD20CK
LD00CM, LD20CM
KD02CK, KD22CK
LD02CM, LD22CM
100
100
2
2
µA
µA
mA
mA
Output Voltage Drop
KD00CK, KD20CK
LD00CM, LD20CM
KD02CK, KD22CK @ 10A
LD02CM, LD22CM @ 10A
0.6
0.7
1.2
1.4
VDC
VDC
VDC
VDC
Continuous Operating Load Voltage
5
60
VDC
Transient Blocking Voltage @ 25°C
80
Vpk
ON Resistance Rds (on) (See Fig 4)
KD00CK, KD20CK
LD00CM, LD20CM
KD02CK, KD22CK
LD02CM, LD22CM
.075
.075
.100
.100
Ω
Ω
Ω
Ω
Turn-On Time (See Fig. 5)
5
mS
Turn-Off Time (See Fig. 5)
2
mS
Electrical System Spike (See Note 7)
±600
VDC
Output Capacitance at 25 Vdc, 100 KHz
(See Note 7)
1600
pF
Isolation (Input to Output) (See Note 7)
KD00CK, KD20CK
LD00CM, LD20CM
KD02CK, KD22CK
LD02CM, LD22CM
10
10
15
15
pF
pF
pF
pF
Dielectric Strength @ 25°C
1000
VAC
Insulation Resistance @ 500VDC @ 25°C
109
Ω
Output Junction Temperature
@ ILOAD = Imax rated
130
°C
Maximum Junction Temperature
150
°C
Thermal Resistance Junction to Ambient (θJA)
30
°C/W
Thermal Resistance Junction to Case (θJC)
7
°C/W
STATUS OUTPUT TRUTH TABLE
(KD02CK, LD02CM, KD22CK, LD22CM)
Control Voltage Relay Output
State Status
Output Level
High
Off
Low (VSO ≤ 0.4 V)
Low
On
High (VSO = VSTATUS)
STATUS OUTPUT SPECIFICATIONS
(KD02CK, LD02CM, KD22CK, LD22CM)
Min Typ Max Units
Status Supply Voltage
30
VDC
Status Leakage Current
@ 16VDC
@ 30VDC
10
100
μ
ADC
μ
ADC
Status (sink) Current (VSO < 0.4 Vdc)
600 μADC
Status Turn-On Time (See Fig. 6)
3.5
ms
Status Turn-Off Time (See Fig. 6)
8.0
ms
BLOCK DIAGRAMS
NOTES:
1. Control input is compatible with CMOS or open collector TTL (with
pull up resistor). For bias voltages above 6V, a series resistor is
required. Use the standard resistor value equal to or less than the
value found in Figure 8.
2. The rated input voltage is 5V for all tests unless otherwise specified.
3. To calculate the maximum ON resistance for a given junction
temperature, find the normalized ON resistance factor (NR) from
Figure 4. Calculate the new ON resistance as follows:
R(ON) = NR • RON @ 25°C (for KD00CK, LD00CM, KD02CK, LD02CM)
R(ON) = NR(RON @ +25°C ) + .025 ohm (for KD20CK, LD20CM,
KD22CK, LD22CM)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com