Electronic Components Datasheet Search
  English  ▼

X  

85366990 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 85366990
Description  SEK mezz Fe 50P THT 2.9mm PL2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

85366990 Datasheet(HTML) 1 Page - HARTING Technology Group

  85366990 Datasheet HTML 1Page - HARTING Technology Group 85366990 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 19 550 6824
SEK mezz Fe 50P THT 2.9mm PL2
SEK mezz Fe 50P THT 2.9mm PL2
Image is for illustration purposes only. Please refer to product description.
Part number
09 19 550 6824
Specification
SEK mezz Fe 50P THT 2.9mm PL2
HARTING eCatalogue
https://b2b.harting.com/09195506824
Identification
Category
Connectors
Series
SEK Mezzanine
Element
Female connector
Description of the contact
Straight
Version
Termination method
Reflow soldering termination (THR)
Wave soldering termination
Connection type
PCB to PCB
Motherboard to daughtercard
Number of contacts
50
Termination length
2.9 mm
Technical characteristics
Contact rows
2
Contact spacing (termination side)
2.54 mm
Rated current
1 A
Insulation resistance
>109 Ω
Contact resistance
≤20 mΩ
Limiting temperature
-55 ... +125 °C (during reflow soldering max. +240 °C for 60 s)
Insertion and withdrawal force
≤100 N
Performance level
2
Mating cycles
≥250
Page 1 / 2 | Creation date 2022-10-19 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany
Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com


Similar Part No. - 85366990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
85366990 PHOENIX-85366990 Datasheet
129Kb / 8P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
logo
HARTING Technology Grou...
85366990 HARTING-85366990 Datasheet
590Kb / 2P
T1 male crimp AWG 26-28 (500pcs/reel)
2022-12-07
logo
WAGO Kontakttechnik Gmb...
85366990 WAGO-85366990 Datasheet
56Kb / 2P
4 POLE PIN SPACING 5 MM / 0.197 IN
06.08.2013
More results

Similar Description - 85366990

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-18-506-6804 HARTING-09-18-506-6804 Datasheet
588Kb / 3P
SEK-18 SV FE TYPA ANS 06P PL2
09-18-506-6803 HARTING-09-18-506-6803 Datasheet
588Kb / 3P
SEK-18 SV FE TYPA 06P PL2
09-18-520-6813 HARTING-09-18-520-6813 Datasheet
589Kb / 3P
SEK-18 SV FE TYPA ZGL 20P PL2
09-18-520-6803 HARTING-09-18-520-6803 Datasheet
588Kb / 3P
SEK-18 SV FE TYPA 20P PL2
09-18-514-6803 HARTING-09-18-514-6803 Datasheet
588Kb / 3P
SEK-18 SV FE TYPA 14P PL2
2021-08-27
09-18-516-6803 HARTING-09-18-516-6803 Datasheet
588Kb / 3P
SEK-18 SV FE TYPA 16P PL2
09-18-516-6804 HARTING-09-18-516-6804 Datasheet
588Kb / 3P
SEK-18 SV FE TYPA ANS 16P PL2
09-18-510-6803 HARTING-09-18-510-6803 Datasheet
588Kb / 3P
SEK-18 SV FE TYPA 10P PL2
2021-08-27
09-18-510-6804 HARTING-09-18-510-6804 Datasheet
588Kb / 3P
SEK-18 SV FE TYPA ANS 10P PL2
2021-08-27
09-18-510-6813 HARTING-09-18-510-6813 Datasheet
589Kb / 3P
SEK-18 SV FE TYPA ZGL 10P PL2
2021-08-27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com