Electronic Components Datasheet Search
  English  ▼

X  

2SC5027 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5027
Description  Silicon NPN Triple Diffused Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5027 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5027 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5027 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5027 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5027 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5027 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5027
2004-07-26
3
Collector-base voltage VCB (V)
Safe Operating Area
Collector-emitter voltage VCE (V)
fT – IC
Cob – VCB
100
IE = 0
f = 1 MHz
Ta = 25°C
50
1
30
5
3
1
3
10
30
300
10
100
0
0.2
80
20
0.4
0.6
0.8
Common emitter
VCE = 10 V
25
1.0
Ta = 100°C
60
40
1.2
−25
10
30
Common emitter
Ta = 25°C
500
0.3
300
50
30
10
1
3
10
100
VCE = 20 V
5
100
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (mA)
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated linearly with
increase in temperature.
0.5
3
10
30
50
100
300
500
30
100
IC max (continuous)
IC max (pulsed)*
1 ms*
10 ms*
100 ms*
DC operation
Ta = 25°C
10
300
VCEO max
500
1
3
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com