Electronic Components Datasheet Search
  English  ▼

X  

CY23FS08 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY23FS08
Description  Failsafe??2.5V/ 3.3V Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY23FS08 Datasheet HTML 4Page - Cypress Semiconductor CY23FS08 Datasheet HTML 5Page - Cypress Semiconductor CY23FS08 Datasheet HTML 6Page - Cypress Semiconductor CY23FS08 Datasheet HTML 7Page - Cypress Semiconductor CY23FS08 Datasheet HTML 8Page - Cypress Semiconductor CY23FS08 Datasheet HTML 9Page - Cypress Semiconductor CY23FS08 Datasheet HTML 10Page - Cypress Semiconductor CY23FS08 Datasheet HTML 11Page - Cypress Semiconductor CY23FS08 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY23FS08
Document #: 38-07518 Rev. *C
Page 11 of 12
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimensions
FailSafe is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks
of their respective holders.
28-Lead (5.3 mm) Shrunk Small Outline Package O28
51-85079-*C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com