Electronic Components Datasheet Search
  English  ▼

X  

47201 Datasheet(PDF) 1 Page - DESCO INDUSTRIES INC

Part # 47201
Description  ESD DISSIPATIVE TURNTABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DESCO [DESCO INDUSTRIES INC]
Direct Link  https://desco.descoindustries.com/
Logo DESCO - DESCO INDUSTRIES INC

47201 Datasheet(HTML) 1 Page - DESCO INDUSTRIES INC

  47201 Datasheet HTML 1Page - DESCO INDUSTRIES INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ESD DISSIPATIVE TURNTABLE
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578
ProtektivePak.com
© 2016 DESCO INDUSTRIES INC.
Employee Owned
Made in the
United States of America
Unless specified tolerance is ±10%
Specifications and procedures subject to change without notice.
SPECIFICATIONS
•
Ideal for working on heavier assemblies in an EPA
•
ESD protective for use with ESD sensitive assemblies
•
Durable 1/4" (6mm) thick Dissipative, Crosslink Polyethylene Foam
•
Galvanized Steel Turntable located at the bottom
•
Size: Choice of 12-1/2" (318mm) or 15-1/2" (394mm) Octagon
(across flats)
•
Very low profile - both sizes only 1" (25mm) high
•
Weight capacity 50 lbs (23 Kg)
•
Volume Resistance 1 x 106 to < 1 x 109 ohms per ANSI/STM11.12
•
Meets worksurface require limit of ANSI/ESD S20.20 per ANSI/ESD
S541 and ESD TR53
•
Electrostatic charges removed to ground via contact on grounded
ESD worksurface or via ground cord from ring terminal
•
Made in the United States of America
DRAWING
NUMBER
47200
DATE
June
2016
Item
Size (Octagon across flats)
47200 12-1/2" (318mm)
47201 15-1/2" (394mm)
47200 in use
(47204 Ground cord sold separately)
47201 in use
Galvanized Steel Turntable


Similar Part No. - 47201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
47201 ETC-47201 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
More results

Similar Description - 47201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16251 ETC2-16251 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
14244 ETC2-14244 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
47511 ETC2-47511 Datasheet
67Kb / 1P
Dissipative Card Holder, With ESD Susceptibility Symbol
49109 ETC2-49109 Datasheet
35Kb / 1P
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
47200 ETC-47200 Datasheet
531Kb / 1P
ESD DISSIPATIVE TURNTABLE
June 2016
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com