Electronic Components Datasheet Search
  English  ▼

X  

CY23FS08OC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY23FS08OC
Description  Failsafe??2.5V/ 3.3V Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08OC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY23FS08OC Datasheet HTML 2Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 3Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 4Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 5Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 6Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 7Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 8Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 9Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY23FS08
Document #: 38-07518 Rev. *C
Page 6 of 12
0 ms
1.4 ms
0
190 fs/cy
190 fs/cycle = 0.125 mradian/cycle
Figure 7. Resulting Output Dphase/Cycle Typical Rate of Change (105 MHz)
t
1
t
2
Du ty Cy c le - t
DC
t
SR (O )
Sle w R a te - t
(S R )
V
DD
0V
20 %
80 %
80 %
20 %
V
DD /2
V
DD /2
V
DD /2
V
DD
0V
O u tp u t-O u tp u t S k e w - t
SK (O )
V
DD /2
V
DD /2
t
SK(O )
t
SR (O )
P a rt to P a rt S k e w - t
SK (P P )
F BK,
Pa rt 1
V
DD /2
t
SK (PP)
V
DD /2
F BK,
Pa rt 2
S tatic P h as e O ffs e t - t
(
φ)
REF
V
DD /2
t
(
φ )
V
DD /2
FB K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com