| Electronic Components Datasheet Search |
|
D400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
D400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() Low-Frequency power Amp, Electronic Governor Applications MAXIMUM RATINGS (TA=25℃ unless otherwise noted) Symbol Parameter Value Units VCBO Collector-Base Voltage 25 V VCEO Collector-Emitter Voltage 25 V VEBO Emitter-Base Voltage 5 V IC Collector Current -Continuous 1 A PC Collector Power Dissipation 0.9 W TJ Junction Temperature 150 ℃ Tstg Storage Temperature -55-150 ℃ ELECTRICAL CHARACTERISTICS (Tamb=25 ℃ unless otherwise specified) Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO IC=10µA, IE=0 25 V Collector-emitter breakdown voltage V(BR)CEO IC=1mA, IB=0 25 V Emitter-base breakdown voltage V(BR)EBO IE=10µA, IC=0 5 V Collector cut-off current ICBO VCB=20V, IE=0 1 µA Emitter cut-off current IEBO VEB=4V, IC=0 1 µA hFE(1) VCE=2V, IC=50mA 60 560 DC current gain hFE(2) VCE=2V, IC=1A 30 Collector-emitter saturation voltage VCE(sat) IC=500mA, IB=50mA 0.3 V Base-emitter saturation voltage VBE(sat) IC=500mA, IB=50mA 1.2 V Transition frequency fT VCE=10V, IC=50mA 180 MHz Output Capacitance Cob VCB=10V, f=1MHz 15 pF CLASSIFICATION OF hFE(1) Rank D E F G Range 60-120 100-200 160-320 280-560 1. EMITTER 2. COLLECTOR 3. BASE 2SD400 TO-92MOD Transistor (NPN) TO-92MOD Dimensions in inches and (millimeters) Features 1 2 3 4.700 5.100 1.730 2.030 0.400 0.600 0.900 1.100 0.400 0.500 5.800 6.200 4.000 8.400 8.800 2.900 3.100 13.800 14.200 1.600 0.000 0.380 1.500 TYP |
Similar Part No. - D400 |
|
Similar Description - D400 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |