Electronic Components Datasheet Search
  English  ▼

X  

AMC0202D Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC0202D
Description  AMC0x02D Precision, ±50mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0202D Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC0202D Datasheet HTML 9Page - Texas Instruments AMC0202D Datasheet HTML 10Page - Texas Instruments AMC0202D Datasheet HTML 11Page - Texas Instruments AMC0202D Datasheet HTML 12Page - Texas Instruments AMC0202D Datasheet HTML 13Page - Texas Instruments AMC0202D Datasheet HTML 14Page - Texas Instruments AMC0202D Datasheet HTML 15Page - Texas Instruments AMC0202D Datasheet HTML 16Page - Texas Instruments AMC0202D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
6.13 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD1 = 3.0V to 5.5V, VDD2 = 3.0V to 5.5V, VINP
= –50mV to +50mV, and VINN = 0V; typical specifications are at TA = 25°C, VDD1 = 5V, and VDD2 = 3.3V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
CIN
Effective input sampling
capacitance
8
pF
RIN
Input impedance
5.3
6.3
7.3
kΩ
IINP
Input current
VIN = (VINP – VINN) = VFSR, MAX
8
μA
IINN
Input current
VIN = (VINP – VINN) = VFSR, MAX
–8
μA
CMTI
Common-mode transient immunity
|GND1 – GND2| = 1kV
150
V/ns
ANALOG OUTPUT
Nominal gain
41
V/V
VCMout
Common-mode output voltage
1.39
1.44
1.50
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN);
|VIN| = |VINP – VINN| > |VClipping|
–2.52
±2.49
2.52
V
VFAILSAFE Failsafe differential output voltage
VDD1 missing
–2.63
–2.57
–2.53
V
ROUT
Output resistance
On OUTP or OUTN
<0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or sinking,
INN = INP = GND1, outputs shorted to
either GND2 or VDD2
11
mA
DC ACCURACY
VOS
Offset voltage(1) (2)
TA = 25°C, INP = INN = GND1
–50
±4
50
µV
TCVOS
Offset drift(1) (2) (4)
–0.9
±0.1
0.9
µV/°C
EG
Gain error(1)
TA = 25°C
–0.2%
±0.04
0.2%
TCEG
Gain drift(1) (5)
–45
±5
45 ppm/°C
Nonlinearity(1)
–0.04%
0.04%
Output noise
INP = INN = GND1, fIN = 0Hz,
BW = 100kHz brickwall filter
410
µVRMS
CMRR
Common-mode rejection ratio
fIN = 0Hz, VCM min ≤ VCM ≤ VCM max
–100
dB
fIN = 10kHz, VCM min ≤ VCM ≤ VCM max
–100
PSRR
Power-supply rejection ratio(2)
VDD1 DC PSRR, INP = INN = GND1,
VDD1 from 3V to 5.5V
–113
dB
VDD1 AC PSRR, INP = INN = GND1,
VDD1 with 10kHz / 100mV ripple
–92
VDD2 DC PSRR, INP = INN = GND1,
VDD2 from 3V to 5.5V
–116
VDD2 AC PSRR, INP = INN = GND1,
VDD2 with 10kHz / 100mV ripple
–94
AC ACCURACY
BW
Output bandwidth
220
295
kHz
THD
Total harmonic distortion(3)
fIN = 10kHz
–80
dB
SNR
Signal-to-noise ratio
fIN = 1kHz, BW = 10kHz
80
84
dB
fIN = 10kHz, BW = 100kHz
75
POWER SUPPLY
IDD1
High-side supply current
5.6
6.9
mA
IDD2
Low-side supply current
6.4
9.9
mA
VDD1UV
High-side undervoltage detection
threshold
VDD1 rising
2.5
2.6
2.7
V
VDD1 falling
1.9
2.0
2.1
www.ti.com
AMC0202D, AMC0302D
SBASB23 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC0202D AMC0302D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com