Electronic Components Datasheet Search
  English  ▼

X  

CY2303 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2303
Description  Phase-Aligned Clock Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2303 Datasheet HTML 1Page - Cypress Semiconductor CY2303 Datasheet HTML 2Page - Cypress Semiconductor CY2303 Datasheet HTML 3Page - Cypress Semiconductor CY2303 Datasheet HTML 4Page - Cypress Semiconductor CY2303 Datasheet HTML 5Page - Cypress Semiconductor CY2303 Datasheet HTML 6Page - Cypress Semiconductor CY2303 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY2303
Document #: 38-07249 Rev. *B
Page 2 of 7
Maximum Ratings
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Input Voltage (Except Ref)...............–0.5V to VDD + 0.5V
DC Input Voltage REFIN ........................................–0.5 to 7V
Storage Temperature ................................. –65°C to +150°C
Junction Temperature ................................................. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2000V
Pin Description
Pin
Signal[1]
Description
1
REF
REF output (1x Reference input)
2
GND
Ground
3
REFIN
Input reference frequency, 5V tolerant input
4
N/C
No Connect
5
REFx2
2x Reference input
6
REFx4
4x Reference input
7
VDD
3.3V Supply
8
OE
Output Enable (weak pull-up)
Operating Conditions for CY2303SC Commercial Temperature Devices
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, Fout < 133.33 MHz
–
18
pF
Load Capacitance, 133.33 MHz < Fout < 166.67 MHz
–
12
pF
CIN
Input Capacitance
–
7
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage (power
ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for CY2303SC Commercial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
–
0.8
V
VIH
Input HIGH Voltage
2.0
–
V
IIL
Input LOW Current
VIN = 0V
–
100
µA
IIH
Input HIGH Current
VIN = VDD
–50
µA
VOL
Output LOW Voltage[2]
IOL = 8 mA
–
0.4
V
VOH
Output HIGH Voltage[2]
IOH = –8 mA
2.4
–
V
IDD
Supply Current
Unloaded outputs, REFIN = 41.67 MHz
–
45
mA
Unloaded outputs, REFIN = 25 MHz
–
32
mA
Unloaded outputs, REFIN = 10 MHz
–
18
mA
Notes:
1. Weak pull-down on all outputs.
2. Parameter is guaranteed by design and characterization. It is not 100% tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com