Electronic Components Datasheet Search
  English  ▼

X  

MAX44285 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX44285
Description  Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX44285 Datasheet(HTML) 3 Page - Analog Devices

  MAX44285 Datasheet HTML 1Page - Analog Devices MAX44285 Datasheet HTML 2Page - Analog Devices MAX44285 Datasheet HTML 3Page - Analog Devices MAX44285 Datasheet HTML 4Page - Analog Devices MAX44285 Datasheet HTML 5Page - Analog Devices MAX44285 Datasheet HTML 6Page - Analog Devices MAX44285 Datasheet HTML 7Page - Analog Devices MAX44285 Datasheet HTML 8Page - Analog Devices MAX44285 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VRS+ = VRS- = +76V, VDD = +3.3V, VSENSE = VRS+ - VRS- = 1mV, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA =+25°C.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 3: Specifications are guaranteed by design, not production tested.
Note 4: Gain and offset voltage are calculated based on two point measurements: VSENSE1 and VSENSE2.
VSENSE1 = 20% x Full Scale VSENSE. VSENSE2 = 80% x Full Scale VSENSE.
Note 5: Output is high-Z during power-up.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Sense Voltage
VSENSE
MAX44285L (G = 12.5V/V)
200
mV
MAX44285T (G = 20V/V)
125
MAX44285F (G = 50V/V)
50
MAX44285H (G = 100V/V)
25
Gain (Note 4)
G
Full-scale VSENSE = 200mV
12.5
V/V
Full-scale VSENSE = 125mV
20
Full-scale VSENSE = 50mV
50
Full-scale VSENSE = 25mV
100
Gain Error (Note 3)
GE
TA = +25°C
0.1
%
-40°C ≤ TA ≤ +85°C
0.3
-40°C ≤ TA ≤ +125°C
0.5
Output Resistance
ROUT
0.1
mΩ
Output Low Voltage
VOL
Sink 500µA
15
mV
No load
4
Output High Voltage
VOH
Source 500µA
VDD -
0.015
V
AC CHARACTERISTICS
Signal Bandwidth
BW -3dB
All gain configurations VSENSE > 5mV
80
kHz
AC Power-Supply
Rejection Ratio
AC PSRR
f = 200kHz
40
dB
AC CMRR
AC CMRR
f = 200kHz
1mV sine wave
54
dB
20mV sine wave
47
Output Transient Recovery
Time
∆VOUT = 2VP-P, 14-bit settling with 400Ω
and 1nF, 6nF ADC sampling capacitor
2
µs
Capacitive Load Stability
CLOAD
With 250Ω isolation resistor
20
nF
Without any isolation resistor
200
pF
Input Voltage-Noise
Density
en
f = 1kHz
45
nV/√
Hz
Total Harmonic Distortion
(Up to 7th Harmonics)
THD
f = 1kHz, VOUT = 1VP-P
63
dB
Power-Up Time (Note 5)
200
µs
Saturation Recovery Time
10
µs
MAX44285
Dual-Channel, High-Precision,
High-Voltage, Current-Sense Amplifier
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com