Electronic Components Datasheet Search
  English  ▼

X  

MAX44286 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX44286
Description  Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX44286 Datasheet(HTML) 2 Page - Analog Devices

  MAX44286 Datasheet HTML 1Page - Analog Devices MAX44286 Datasheet HTML 2Page - Analog Devices MAX44286 Datasheet HTML 3Page - Analog Devices MAX44286 Datasheet HTML 4Page - Analog Devices MAX44286 Datasheet HTML 5Page - Analog Devices MAX44286 Datasheet HTML 6Page - Analog Devices MAX44286 Datasheet HTML 7Page - Analog Devices MAX44286 Datasheet HTML 8Page - Analog Devices MAX44286 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RS+, RS- to GND....................................................-0.3V to +6V
OUT to GND............................................ -0.3V to (VRS+ +0.3)V
RS+ to RS- ..............................................................-0.3V to +6V
Short-Circuit Duration (OUT to Any Other Pins) .......Continuous
Continuous Input Current (Any Pin) .................................±20mA
Continuous Power Dissipation (TA = +70°C)
WLP (derate 9.7mW/°C above +70°C)........................776mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Soldering Temperature (reflow).......................................+260°C
WLP
Junction-to-Ambient Thermal Resistance (θJA) ........103°C/W
(Note 1)
(VRS+ = VRS- = 3.6V, VSENSE = 0V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
IS
TA = +25°C
12.5
17
µA
-40°C < TA < +125°C
20
Common-Mode Input Range
VCM
Guaranteed by CMRR,
-40°C < TA < +125°C
1.8
5.5
V
Guaranteed by CMRR,
-40°C < TA < +85°C
1.6
5.5
Common-Mode Rejection Ratio/
Power-Supply Rejection Ratio
CMRR,
PSRR
1.8V < VRS+ < 5.5V,
VSENSE = 10mV
120
100
dB
1.6V < VRS+ < 5.5V, -40°C < TA < +85°C,
VSENSE = 10mV
120
100
Input Offset Voltage (Note 3)
VOS
TA = +25°C
7
30
µV
-40°C < TA < +125°C
50
Input Offset Voltage Drift
(Note 3)
TCVOS
40
300
nV/°C
Gain
G
MAX44286T
25
V/V
MAX44286F
50
MAX44286H
100
MAX44286W
200
Gain Error (Note 4)
GE
TA = +25°C
0.1
0.23
%
-40°C < TA < +125°C
0.25
Input Bias Current RS-
IRS-
0.02
1
nA
Capacitive Loading
CL
No sustained oscillations
400
pF
OUT Low Voltage
VOL
Sink current = 300µA
30
65
mV
Sink current = 0µA
3
15
MAX44286
Low-Power, Precision, 4-Bump WLP,
Current-Sense Amplifier
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com