Electronic Components Datasheet Search
  English  ▼

X  

05022082001 Datasheet(PDF) 2 Page - Wera Tools

Part # 05022082001
Description  950 PKL/13 SZ N L-key set, imperial, BlackLaser, 13 pieces
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

05022082001 Datasheet(HTML) 2 Page - Wera Tools

  05022082001 Datasheet HTML 1Page - Wera Tools 05022082001 Datasheet HTML 2Page - Wera Tools 05022082001 Datasheet HTML 3Page - Wera Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
950 PKL/13 SZ N L-key set, imperial, BlackLaser, 13 pieces
L-Keys for Hexagon Socket Screws
Set contents:
950 PKL inch
05022068001
1 x 5/64x100
05022070001
1 x 3/32x112
05022071001
1 x 7/64x119
05022072001
1 x 1/8x126
05022073001
1 x 9/64x132
05022074001
1 x 5/32x140
05022076001
1 x 3/16x160
05022078001
1 x 7/32x180
05022079001
1)
1 x 0.05x83
05022080001
1 x 1/4x190
05022081001
1)
1 x 1/16x91
05022082001
1 x 5/16x200
05022095001
1 x 3/8x212
1) Regular hexagon
L-Keys
Hex-Plus
Ball tip
Surface protection
We questioned the classic L-key
design, since all too often the
screw head recess is rounded out,
meaning screws can no longer be
tightened or loosened – and so the
user finds the L-key slipping out of
the recess. Wera Hex-Plus tools
have a larger contact surface in
the screw head. The notching
effects are reduced and thereby
the deformation of the screws. At
the same time, as much as 20 %
more torque can be applied.
Hexagon screws can endure a
problem because the contact
surfaces delivering the power from
the
conventional
tool,
is
transferred to the screw via very
small
surface
areas.
The
consequence:
the
screw
can
become damaged (rounding out).
Hex-Plus tools have a greater
contact surface that prevents this
from happening! At the same time,
as much as 20 % more torque can
be applied. Good to know: Hex-
Plus tools fit into every standard
hexagon socket screw!
The spherical drive profile means
that it is possible to swivel the axis
of the tool to that of the screw,
and therefore enable angled,
“around-the-corner” screwdriving
jobs.
L-keys with BlackLaser surface
treatment for outstanding surface
protection and long service life.
High corrosion protection.
Web link
http://products.wera.de/en/l-keys_l-keys_for_hexagon_socket_screws_950_13_hex-plus_imperial_1.html
Wera - 950/13 Hex-Plus Imperial 1
05021728001 - 4013288111982
Wera Werkzeuge GmbH
Korzerter Straße 21-25
D-42349 Wuppertal
Tel: +49 (0)2 02 / 40 45-0
E-Mail: info@wera.de
02.08.2018 - 2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com