Electronic Components Datasheet Search
  English  ▼

X  

CY3672 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY3672
Description  PTG Programming Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY3672 Datasheet HTML 1Page - Cypress Semiconductor CY3672 Datasheet HTML 2Page - Cypress Semiconductor CY3672 Datasheet HTML 3Page - Cypress Semiconductor CY3672 Datasheet HTML 4Page - Cypress Semiconductor CY3672 Datasheet HTML 5Page - Cypress Semiconductor CY3672 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CY3672
Document #: 38-07409 Rev. *F
Page 2 of 6
Figure 2 is a close-up of the socket and illustrates the correct
orientation for placing the device into the socket. Pin1 should
always be in the lower left corner, as shown in Figure 3.
Software
Setting up the software is just as easy as setting up the
hardware. Download the latest revisions of CyberClocks and
CY3672 programmer software off of our web site at
www.cypress.com. To install CyberClocks, unzip the file, then
simply run the set-up file in the CyberClocks folder. It will
prompt the user for a few questions and then self-installs.[1]
CyberClocks Online, which is a web based software, is
available on-line through user registration. It configures
spread spectrum clock generators, such as CY25100.
To install the CY3672 software, first run SETUP.EXE to install
necessary DLLs to the windows registry. Once this is done,
run CY3672*.EXE to launch.
When the CY3672 programmer is used for the first time, it is
required to be in “TYPE” mode. This mode is set by pushing
the arrow keys on the programmer until you see “TYPE”
displayed on the LCD screen.
Note:
1. Be sure to check for software updates at http://www.cypress.com/support.
Figure 2. CY3672 Programming Kit Set-up
CY3672
Adapter
PC with Parallel Port
Wall
Power Adapter
Parallel Cable
Figure 3. Device Orientation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com