Electronic Components Datasheet Search
  English  ▼

X  

1799000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1799000000
Description  BCZ 3.81/02/270 SN GN BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1799000000 Datasheet(HTML) 1 Page - Weidmuller

  1799000000 Datasheet HTML 1Page - Weidmuller 1799000000 Datasheet HTML 2Page - Weidmuller 1799000000 Datasheet HTML 3Page - Weidmuller 1799000000 Datasheet HTML 4Page - Weidmuller 1799000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/90/270 | BCZ 3.81/270
- 1 -
General ordering data
Order No.
1799010000
Part designation
BCZ 3.81/02/270 SN GN BX
Version
PCB plug-in connector, Female connectors,
Clamping yoke connection, Clamping range, max.:
1.5 mm², Pitch: 3.81 mm, No. of poles: 2, 270°,
Box
EAN
4032248243808
Qty.
50 pc(s).
System parameters
Conductor connection system
Clamping yoke connection
Outgoing direction of conductor
270°
Pitch
3.81 mm
Pitch in inch
0.15 inch
No. of poles
2
No. of rows
1
Screwdriver blade
0.4 x 2.5
Screwdriver blade standard
DIN 5264
Tightening torque, min.
0.2
Tightening torque, max.
0.25 Nm
Clamping screw
M 2
Stripping length
7 mm
L1 in mm
3.81 mm
L1 in inch
0.15 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 0470
Safe from finger touch
Material data
Insulating material
PA GF
Colour
Pale green
colour chart
Similar to RAL 6021
Insulating material group
II
Flammability class UL 94
V-0
CTI
>= 475


Similar Part No. - 1799000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1799000000 WEIDMULLER-1799000000 Datasheet
85Kb / 5P
BCZ 3.81/8/270 SN GN
1799000000 WEIDMULLER-1799000000 Datasheet
85Kb / 5P
BCZ 3.81/10/270 SN GN
1799000000 WEIDMULLER-1799000000 Datasheet
85Kb / 5P
BCZ 3.81/12/270 SN GN
1799000000 WEIDMULLER-1799000000 Datasheet
85Kb / 5P
BCZ 3.81/16/270 SN GN
1799000000 WEIDMULLER-1799000000 Datasheet
537Kb / 7P
BCZ 3.81/16/270 SN BK BX
More results

Similar Description - 1799000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1792860000 WEIDMULLER-1792860000 Datasheet
88Kb / 6P
BCZ 3.81/2/180 SN GN
1793080000 WEIDMULLER-1793080000 Datasheet
86Kb / 6P
BCZ 3.81/6/180F SN GN
1798170000 WEIDMULLER-1798170000 Datasheet
84Kb / 6P
BCZ 3.81/08/270 SN BK BX
1798720000 WEIDMULLER-1798720000 Datasheet
94Kb / 5P
BCZ 3.81/5/90 SN GN
1798730000 WEIDMULLER-1798730000 Datasheet
94Kb / 5P
BCZ 3.81/6/90 SN GN
1798860000 WEIDMULLER-1798860000 Datasheet
86Kb / 5P
BCZ 3.81/3/90F SN GN
1799200000 WEIDMULLER-1799200000 Datasheet
86Kb / 5P
BCZ 3.81/5/270F SN GN
1799210000 WEIDMULLER-1799210000 Datasheet
86Kb / 5P
BCZ 3.81/6/270F SN GN
1799220000 WEIDMULLER-1799220000 Datasheet
86Kb / 5P
BCZ 3.81/8/270F SN GN
1799230000 WEIDMULLER-1799230000 Datasheet
86Kb / 5P
BCZ 3.81/10/270F SN GN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com