Electronic Components Datasheet Search
  English  ▼

X  

CY3613 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY3613
Description  PTG Programming Kit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3613 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY3613 Datasheet HTML 1Page - Cypress Semiconductor CY3613 Datasheet HTML 2Page - Cypress Semiconductor CY3613 Datasheet HTML 3Page - Cypress Semiconductor CY3613 Datasheet HTML 4Page - Cypress Semiconductor CY3613 Datasheet HTML 5Page - Cypress Semiconductor CY3613 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PTG Programming Kit
CY3672
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07409 Rev. *F
Revised October 31, 2005
Features
• Supports Field-programmable Clock Generators
• CY2077FS, CY2077FZ, CY22050F, CY22150F,
CY22381F, CY22392F, CY22393F, CY22394F,
CY22395F, CY25100F, CY25200F, CY25701F,CY25702F
CY23FP12, CY26049, and CY27EE16
• Allows quick and easy prototyping
• Compact design for ease of portability
• Easy to use Microsoft® Windows® 95, 98, NT, 2K, ME,
XP-compatible interface
• User-friendly CyberClocks
™ or CyberClocks Online
software for JEDEC file development
CY3672-PRG Kit Contents
• Parallel port cable
• AC/DC adapter
• Quick start guide
• User manual
CY3672-FTG Development Kit Contents in
Addition to CY3672-PRG Contents
• Three Sockets: CY3695, CY3698, CY3699
CY3672-USB Kit Contents in Addition to
CY3672-PRG Contents
• USB Driver CD ROM
• USB Cable
Functional Description
The CY3672 programming kit enables any user with a PC to
quickly and easily program Field-programmable Clock Gener-
ators. The only set-up requirements are a power connection
and either a parallel port or USB port (CY3672-USB)
connection with the PC, as shown in Figure 2.
Using CyClocksRT
™, (embedded in CyberClocks software) or
CyberClocks Online, users can configure their parts to a given
specification and generate the corresponding JEDEC file. In
addition, CyClocksRT software provides PPM optimization
and power calculations.
The JEDEC file is then loaded into CY3672 software that
communicates with the programmer. The CY3672 software
has the ability to read and view the EPROM table from a
programmed device. The programming flow is outlined in
Figure 1.
Set Up
Hardware
The CY3672 programming kit has a very simple set-up
procedure. As shown in Figure 2, only two connections are
required. The programmer must be connected to a PC through
either a parallel port or USB port (CY3672-USB) and must
receive power through the AC/DC adapter that gets hooked up
to your standard 110V/220V wall outlet. When using the
parallel port, make sure the parallel port settings on your
computer is ECP or EPP. CY3672-PRG or CY3672-USB are
the programming base unit that can be ordered separately with
any individual socket adapter.
Cy C lo c k s RT
Bit
Stre a m
C Y 36 72
Ad a p ter
C Y 36 72 S o ftw are
C y b e rC lo c k s O n lin e
P ro g ra mme r
Je d e c
File
Figure 1. Programming Procedure


Similar Part No. - CY3613

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3619 CYPRESS-CY3619 Datasheet
256Kb / 8P
Very Low Jitter Field and Factory Programmable Clock Generator
More results

Similar Description - CY3613

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLXSPI-01 MELEXIS-MLXSPI-01 Datasheet
192Kb / 9P
Programming kit
logo
Cypress Semiconductor
CY3600I CYPRESS-CY3600I Datasheet
54Kb / 3P
FLASH370i??ISR??Programming Kit
CY3670 CYPRESS-CY3670 Datasheet
209Kb / 4P
FTG Programming Kit
logo
Knowles Electronics
KJ-33000-002 KNOWLES-KJ-33000-002 Datasheet
356Kb / 5P
Joystick I2C Development Kit Programming and Application Note
logo
Microchip Technology
DSC-TIMEFLASH-KIT2 MICROCHIP-DSC-TIMEFLASH-KIT2 Datasheet
45Kb / 1P
TimeFlash Oscillator Programming Kit with 2 Socket Cards
1998-2016
DSC-TIMEFLASH-KIT MICROCHIP-DSC-TIMEFLASH-KIT Datasheet
49Kb / 1P
TimeFlash Oscillator Programming Kit with 6 socket cards
1998-2016
DSC-TIMEFLASH MICROCHIP-DSC-TIMEFLASH Datasheet
51Kb / 1P
Time Flash Oscillator Programming Kit without Socket Cards
1998-2016
logo
Broadcom Corporation.
HEDS-8988 BOARDCOM-HEDS-8988 Datasheet
1Mb / 15P
Magnetic Encoder IC Programming Kit
logo
ATMEL Corporation
ATDH2200E ATMEL-ATDH2200E Datasheet
131Kb / 6P
FPGA Configurator Programming Kit (Enhanced)
logo
Maxim Integrated Produc...
DS1075K MAXIM-DS1075K Datasheet
133Kb / 1P
Oscillator Programming/ Evaluation Kit
090302
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com