Electronic Components Datasheet Search
  English  ▼

X  

PE01013 Datasheet(PDF) 1 Page - pro-elec

Part # PE01013
Description  IEC 60320 C7 to Free End 1m
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

PE01013 Datasheet(HTML) 1 Page - pro-elec

  PE01013 Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/01/21
IEC 60320 C7 to Free End
1m
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-ELEC is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Power Cord, IEC 60320 C7 to Free End, 3A, Black, 1m
PE01013
Specifications
Connector to Connector
: IEC 60320 C7 to Free End
Current Rating
: 3A
Voltage Rating
: 240V AC
Jacket Colour
: Black
Cable Length
: 1m (3.28ft)
Diagram


Similar Part No. - PE01013

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PE01013 POLYMAKER-PE01013 Datasheet
142Kb / 2P
PolyLite™ ABS
Nov. 2018 Version 4.0
More results

Similar Description - PE01013

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2511 SCHURTER-2511 Datasheet
333Kb / 2P
Power Cord with IEC Connector C7, Angled
2514 SCHURTER-2514 Datasheet
317Kb / 2P
Power Cord with IEC Plug C7, Angled
logo
PowerDynamics, Inc
10080 POWERDYNAMICS-10080 Datasheet
55Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, RIGHT HANDED
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10092 POWERDYNAMICS-10092 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 1-15P TO IEC 60320 C7
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
CRC-1 POWERDYNAMICS-CRC-1 Datasheet
45Kb / 1P
IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
logo
Tripp Lite. All Rights ...
P016-000 TRIPPLITE-P016-000 Datasheet
159Kb / 2P
IEC C14 to IEC C7 Power Cord Adapter - 10A, 250V, Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com