Electronic Components Datasheet Search
  English  ▼

X  

2CL02 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # 2CL02
Description  Fast Recovery High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

2CL02 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  2CL02 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 2CL02 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL02 2CL03
Ultra-
Features
Outline Dimensions and Mark
Supersmall size
Unit
mm
High reliability
High speed switching
Applications
Rectification for high voltage power supply of
color T.V.
Rectification for CRT display monitor high
voltage power supply (FBT
Flyback Transformer)
Others
Limiting Values
Absolute Maximum Rating
Item
Symbol
Unit
2CL02
2CL03
Repetitive Peak Reverse Voltage
VRRM
KV
10
12
Non-Repetitive Peak Reverse Voltage
VRSM
KV
12
15
Average Forward Current
IF(AV)
mA
5
50HZHalf-sine wave, Resistance load, Ta=25
Surge(Non-repetitive)Forward Current
IFSM
A
0.5
50HZHalf-sine wave,1cycle,Ta=25
Operating Ambient Temperature
Ta
-40 ~ +100
Storage Temperature
Tstg
-40 ~ +120
Virtual Junction Temperature
T(vj)
120
Electrical Characteristics Ta=25
Unless otherwise specified
Max
Item
Symbol
Unit
Test Condition
2CL02
2CL03
Peak Forward Voltage
VFM
V
IFM=10mA
35
42
IRRM1
Ta=25
2
Peak Reverse Current
IRRM2
A
VRM=VRRM
Ta=100
5
Reverse Recovery Time
trr
s
IF=2mA IRM=4mA
0.05
Type
Code
Cathode Mark
2CL02
T-02
2CL03
T-03
0.5
0.03
2.5 0.2
10 0.2
26min
26min
Code
Cathode Mark
Fast Recovery High Voltage Diodes
www.shunyegroup.com.cn
V2.22


Similar Part No. - 2CL02

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
2CL02 SIPOWER-2CL02 Datasheet
66Kb / 2P
Ultra-Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL02 YFWDIODE-2CL02 Datasheet
534Kb / 3P
Fast Recovery High Voltage Diodes
More results

Similar Description - 2CL02

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
HVRP-1000-1C DEC-HVRP-1000-1C Datasheet
420Kb / 2P
HIGH VOLTAGE FAST RECOVERY DIODES
logo
SiPower Inc.
2CL70 SIPOWER-2CL70 Datasheet
67Kb / 2P
Fast Recovery High Voltage Diodes
2CL75 SIPOWER-2CL75 Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
logo
Rectron Semiconductor
R8000H RECTRON-R8000H Datasheet
134Kb / 4P
Fast Recovery High Voltage Diodes
R10000H RECTRON-R10000H Datasheet
90Kb / 4P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL11 YFWDIODE-2CL11 Datasheet
560Kb / 3P
Fast Recovery High Voltage Diodes
2CL60 YFWDIODE-2CL60 Datasheet
400Kb / 2P
Fast recovery high voltage diodes
2CL72 YFWDIODE-2CL72 Datasheet
353Kb / 2P
Fast recovery high voltage diodes
DD1000 YFWDIODE-DD1000 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
DD900 YFWDIODE-DD900 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com