Electronic Components Datasheet Search
  English  ▼

X  

2CL2FP Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # 2CL2FP
Description  Fast Recovery High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

2CL2FP Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  2CL2FP Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 2CL2FP Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery High Voltage Diodes
Features
● High reliability
● High speed switching
Typical Applications
Rectification for high voltage power supply
Mechanical Data
● Package: DO-415
Epoxy compound meets UL 94 V-0 flammability
rating
● Terminals: Pure tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: Color band denotes the cathode end
■Maximum Ratings
PARAMETER
SYMBOL
UNIT
Conditions
2CL2FP
Device marking code
2CL2FP
Repetitive Peak Reverse Voltage
VRRM
KV
30
Average Forward Current
IF(AV)1
mA
Ta=40℃,In Air
80
Average Forward Current
IF(AV)2
mA
Ta=55℃,In Oil
140
Non-Repetitive Forward Surge Current
IFSM
A
8.3mS,Single Half Sine
Ta = 25℃
10
Peak Forward Voltage
VFM
V
IFM=100mA
46
Peak Reverse Current
IRRM
μA
VRM= VRRM, Ta=25℃
2
VRM= VRRM, Ta=100℃
10
Reverse Recovery time
trr
ns
IF=40mA,IRM=80mA,IRR=20mA
100
Operating Ambient Temperature
Ta
℃
-55 ~ +125
Storage Temperature
Tstg
℃
-55 ~ +175
Virtual Junction Temperature
T(vj)
℃
125
2CL2FP
Reverse Voltage - 30 KV
Forward Current - 80.0 mA
www.shunyegroup.com.cn
V2.22


Similar Part No. - 2CL2FP

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FP GETEDZ-2CL2FP Datasheet
63Kb / 1P
30kV 100mA HIGH VOLTAGE DIODE
logo
SUNMATE electronic Co.,...
2CL2FP SUNMATE-2CL2FP Datasheet
634Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL2FP GETEDZ-2CL2FP Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
logo
Shenzhen Luguang Electr...
2CL2FP LUGUANG-2CL2FP Datasheet
224Kb / 2P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL2FP YFWDIODE-2CL2FP Datasheet
375Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CL2FP

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
HVRP-1000-1C DEC-HVRP-1000-1C Datasheet
420Kb / 2P
HIGH VOLTAGE FAST RECOVERY DIODES
logo
SiPower Inc.
2CL70 SIPOWER-2CL70 Datasheet
67Kb / 2P
Fast Recovery High Voltage Diodes
2CL75 SIPOWER-2CL75 Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
logo
Rectron Semiconductor
R8000H RECTRON-R8000H Datasheet
134Kb / 4P
Fast Recovery High Voltage Diodes
R10000H RECTRON-R10000H Datasheet
90Kb / 4P
Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL11 YFWDIODE-2CL11 Datasheet
560Kb / 3P
Fast Recovery High Voltage Diodes
2CL60 YFWDIODE-2CL60 Datasheet
400Kb / 2P
Fast recovery high voltage diodes
2CL72 YFWDIODE-2CL72 Datasheet
353Kb / 2P
Fast recovery high voltage diodes
DD1000 YFWDIODE-DD1000 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
DD900 YFWDIODE-DD900 Datasheet
351Kb / 2P
Fast recovery high voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com