Electronic Components Datasheet Search
  English  ▼

X  

2CL71A Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # 2CL71A
Description  Fast Recovery High Voltage Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

2CL71A Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  2CL71A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 2CL71A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. 2CL71A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2CL70 2CL71
Typical characteristics
2CL70A
━Ta=25℃
┅Ta=100℃
2CL70A
2CL71A
Ta≤100℃
Ta≤100℃
━Ta=25℃
┅Ta=100℃
2CL71A
2CL71A
2CL70A
2CL70A
2CL71A
2CL70A THRU 2CL71A
www.shunyegroup.com.cn
V2.22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com